Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTE002P02 Datasheet(PDF) 2 Page - Rohm

Part # RTE002P02
Description  2.5V Drive Pch MOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTE002P02 Datasheet(HTML) 2 Page - Rohm

  RTE002P02 Datasheet HTML 1Page - Rohm RTE002P02 Datasheet HTML 2Page - Rohm RTE002P02 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RTE002P02
Transistors
2/2
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
∗Pulsed
−±10
µAVGS= ±12V, VDS=0V
−20
−−
VID=
−1mA, VGS=0V
−−
−1
µAVDS= −20V, VGS=0V
−0.7
−−2.0
V
VDS=
−10V, ID= −1mA
1.0
1.5
ID=
−0.2A, VGS= −4.5V
1.1
1.6
ID=
−0.2A, VGS= −4V
2.0
3.0
ID=
−0.15A, VGS= −2.5V
0.2
−−
SVDS=
−10V, ID= −0.15A
50
pF
VDS=
−10V
5
5
pF
VGS= 0V
9
pF
f=1MHz
6
ns
35
ns
45
ns
−−
ns
VDD
−15V
ID=
−0.15A
VGS=
−4.5V
RL= 100
RG= 10
Body diode characteristics (Source-drain) (Ta=25
°C)
VSD
−−
−1.2
V
IS=
−0.1A, VGS=0V
Forward voltage
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions


Similar Part No. - RTE002P02

ManufacturerPart #DatasheetDescription
logo
Rohm
RTE002P02 ROHM-RTE002P02 Datasheet
58Kb / 4P
   2.5V Drive Pch MOS FET
RTE002P02TL ROHM-RTE002P02TL Datasheet
58Kb / 4P
   2.5V Drive Pch MOS FET
More results

Similar Description - RTE002P02

ManufacturerPart #DatasheetDescription
logo
Rohm
RTR025P02FRA ROHM-RTR025P02FRA Datasheet
1Mb / 7P
   2.5V Drive Pch MOS FET
RTM002P02T2L ROHM-RTM002P02T2L Datasheet
82Kb / 3P
   2.5V Drive Pch MOS FET
RTE002P02TL ROHM-RTE002P02TL Datasheet
58Kb / 4P
   2.5V Drive Pch MOS FET
RTF011P02 ROHM-RTF011P02 Datasheet
65Kb / 3P
   2.5V Drive Pch MOS FET
RTM002P02 ROHM-RTM002P02 Datasheet
78Kb / 3P
   2.5V Drive Pch MOS FET
RTR025P02TL ROHM-RTR025P02TL Datasheet
90Kb / 5P
   2.5V Drive Pch MOS FET
QS5U23TR ROHM-QS5U23TR Datasheet
80Kb / 6P
   2.5V Drive Pch SBD MOS FET
QS6U22 ROHM-QS6U22_1 Datasheet
89Kb / 5P
   2.5V Drive PchSBD MOS FET
US5U29 ROHM-US5U29_1 Datasheet
83Kb / 5P
   2.5V Drive PchSBD MOS FET
QS5U21 ROHM-QS5U21_06 Datasheet
95Kb / 5P
   2.5V Drive PchSBD MOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com