Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU2902D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # AU2902D
Description  Low power quad operational amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AU2902D Datasheet(HTML) 2 Page - NXP Semiconductors

  AU2902D Datasheet HTML 1Page - NXP Semiconductors AU2902D Datasheet HTML 2Page - NXP Semiconductors AU2902D Datasheet HTML 3Page - NXP Semiconductors AU2902D Datasheet HTML 4Page - NXP Semiconductors AU2902D Datasheet HTML 5Page - NXP Semiconductors AU2902D Datasheet HTML 6Page - NXP Semiconductors AU2902D Datasheet HTML 7Page - NXP Semiconductors AU2902D Datasheet HTML 8Page - NXP Semiconductors AU2902D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product data
AU2902
Low power quad operational amplifier
2
2001 Aug 03
853-1634 26837
DESCRIPTION
The AU2902 consists of four independent, high-gain, internally
frequency-compensated operational amplifiers designed specifically
to operate from a single power supply over a wide range of voltages.
UNIQUE FEATURES
In the linear mode, the input common-mode voltage range includes
ground and the output voltage can also swing to ground, even
though operated from only a single power supply voltage.
The unity gain crossover frequency and the input bias current are
temperature-compensated.
FEATURES
Internally frequency-compensated for unity gain
Large DC voltage gain: 100 dB
Wide bandwidth (unity gain): 1 MHz (temperature-compensated)
Wide power supply range Single supply: 3 V
DC to 30 VDC or dual
supplies:
±1.5 VDC to ±15 VDC
Very low supply current drain: essentially independent of supply
voltage (1 mW/op amp at +5 VDC)
Low input bias current: 45 nA
DC (temperature-compensated)
Low input offset voltage: 2 mV
DC and offset current: 5nADC
Differential input voltage range equal to the power supply voltage
Large output voltage: 0 V
DC to VCC – 1.5 VDC swing
PIN CONFIGURATION
+
D and N Packages
1
2
3
411
12
13
14
OUTPUT 1
–INPUT 1
+INPUT 1
V+
1
4
+–
+
7
6
510
9
8
2
3
+ –
OUTPUT 2
+INPUT 2
–INPUT 2
OUTPUT 4
–INPUT 4
+INPUT 4
GND
OUTPUT 3
+INPUT 3
–INPUT 3
TOP VIEW
SL00519
Figure 1. Pin Configuration
EQUIVALENT SCHEMATIC
V–
OUTPUT
Q5
RSC
Q8
Q9
Q1
Q3
6
µA
100
µA6µA
Q6
Q7
Q13
Q12
Q10
Q2
INPUT
50
µA
CC
SL00520
Figure 2. Equivalent Schematic


Similar Part No. - AU2902D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU2901 PHILIPS-AU2901 Datasheet
102Kb / 10P
   Quad voltage comparator
2001 Aug 03
AU2901D PHILIPS-AU2901D Datasheet
102Kb / 10P
   Quad voltage comparator
2001 Aug 03
AU2901N PHILIPS-AU2901N Datasheet
102Kb / 10P
   Quad voltage comparator
2001 Aug 03
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
   Low power dual voltage comparator
August 31, 1994
AU2903D PHILIPS-AU2903D Datasheet
99Kb / 5P
   Low power dual voltage comparator
August 31, 1994
More results

Similar Description - AU2902D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
   Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
   Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
   Low power quad operational amplifier
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
   Low-Power Quad Operational Amplifier
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
   Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
   Low Power Quad Operational Amplifier
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM2902HD STMICROELECTRONICS-LM2902HD Datasheet
441Kb / 13P
   Low power quad operational amplifier
logo
Texas Instruments
LM324-N-MIL TI1-LM324-N-MIL Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Quad-Operational Amplifier
JUNE 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com