Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU2904N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AU2904N
Description  Low power dual operational amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AU2904N Datasheet(HTML) 3 Page - NXP Semiconductors

  AU2904N Datasheet HTML 1Page - NXP Semiconductors AU2904N Datasheet HTML 2Page - NXP Semiconductors AU2904N Datasheet HTML 3Page - NXP Semiconductors AU2904N Datasheet HTML 4Page - NXP Semiconductors AU2904N Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
AU2904
Low power dual operational amplifier
August 31, 1994
156
DC ELECTRICAL CHARACTERISTICS (continued)
SYMBOL
PARAMETER
TEST CONDITIONS
AU2904
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
IOUT
Output current
Sink
VIN-=+1VDC, VIN+=0VDC, V+=15VDC
10
20
mA
VIN-=+1VDC, VIN+=0VDC,
V+=15VDC, over temp.
5
8
mA
VIN+=0V, VIN-=+1VDC, VO=200mV
12
50
µA
ISC
Short circuit current5
40
60
mA
Differential input voltage3
V+
V
GBW
Unity gain bandwidth
TA=25°C
1
MHz
SR
Slew rate
TA=25°C
0.3
V/
µs
VNOISE
Input noise voltage
TA=25°C f=1kHz
40
nV/
√Hz
NOTES:
1. VO ≈ 1.4V, RS=0Ω with VCC from 5V to 30V and over full input common-mode range (0VDC+ to VCC-1.5V).
2. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of
the output so no loading change exists on the input lines.
3. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the
common-mode voltage range is V+-1.5, but either or both inputs can go to +32V without damage.
4. Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This
typically can be detected as this type of coupling increases at higher frequencies.
5. Short-circuits from the output to V+ can cause excessive heating and eventual destruction. The maximum output current is approximately
40mA independent of the magnitude of V+. At values of supply voltage in excess of +15VDC, continuous short-circuits can exceed the power
dissipation ratings and cause eventual destruction.


Similar Part No. - AU2904N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU2901 PHILIPS-AU2901 Datasheet
102Kb / 10P
   Quad voltage comparator
2001 Aug 03
AU2901D PHILIPS-AU2901D Datasheet
102Kb / 10P
   Quad voltage comparator
2001 Aug 03
AU2901N PHILIPS-AU2901N Datasheet
102Kb / 10P
   Quad voltage comparator
2001 Aug 03
AU2902 PHILIPS-AU2902 Datasheet
104Kb / 10P
   Low power quad operational amplifier
2001 Aug 03
AU2902D PHILIPS-AU2902D Datasheet
104Kb / 10P
   Low power quad operational amplifier
2001 Aug 03
More results

Similar Description - AU2904N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
   Low power dual operational amplifier
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
   Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
   Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
   Low Power Dual Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
   Low power dual operational amplifier
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
   Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
   Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
   Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_V01 Datasheet
1Mb / 28P
   Low-power dual operational amplifier
Rev 20 - August 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com