Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU5790D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # AU5790D
Description  Single wire CAN transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AU5790D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button AU5790D Datasheet HTML 2Page - NXP Semiconductors AU5790D Datasheet HTML 3Page - NXP Semiconductors AU5790D Datasheet HTML 4Page - NXP Semiconductors AU5790D Datasheet HTML 5Page - NXP Semiconductors AU5790D Datasheet HTML 6Page - NXP Semiconductors AU5790D Datasheet HTML 7Page - NXP Semiconductors AU5790D Datasheet HTML 8Page - NXP Semiconductors AU5790D Datasheet HTML 9Page - NXP Semiconductors AU5790D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Philips Semiconductors
Product data
AU5790
Single wire CAN transceiver
2001 May 18
6
ABSOLUTE MAXIMUM RATINGS
According to the IEC 134 Absolute Maximum System: operation is not guaranteed under these conditions; all voltages are referenced to
pin 8 (GND); positive currents flow into the IC, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VBAT
Supply voltage
Steady state
–0.3
+27
V
VBATld
Short-term supply voltage
Load dump; ISO7637/1 test pulse 5
(SAE J1113, test pulse 5), T < 1s
+40
V
VBATtr2
Transient supply voltage
ISO 7637/1 test pulse 2 (SAE J1113,
test pulse 2), with series diode and
bypass cap of 100 nF between BAT and
GND pins, Note 2.
+100
V
VBATtr3
Transient supply voltage
ISO 7637/1 pulses 3a and 3b
(SAE J1113 test pulse 3a and 3b),
Note 2.
–150
+100
V
VCANH_1
CANH voltage
VBAT > 2 V
–10
+18
V
VCANH_0
CANH voltage
VBAT < 2 V
–16
+18
V
VCANHtr1
Transient bus voltage
ISO 7637/1 test pulse 1, Notes 1 and 2
–100
V
VCANHtr2
Transient bus voltage
ISO 7637/1 test pulse 2, Notes 1 and 2
+100
V
VCANHtr3
Transient bus voltage
ISO 7637/1 test pulses 3a, 3b,
Notes 1 and 2
–150
+100
V
VRTH1
Pin RTH voltage
VBAT > 2 V, voltage applied to pin RTH
via a 2 k
Ω series resistor
–10
+18
V
VRTH0
Pin RTH voltage
VBAT < 2 V, voltage applied to pin RTH
via a 2 k
Ω series resistor
–16
+18
V
VI
DC voltage on pins TxD, EN, RxD, NSTB
–0.3
+7
V
ESDBAHB
ESD capability of pin BAT
Direct contact discharge,
R=1.5 k
Ω, C=100 pF
–8
+8
kV
ESDCHHB
ESD capability of pin CANH
Direct contact discharge,
R=1.5 k
Ω, C=100 pF
–8
+8
kV
ESDRTHB
ESD capability of pin RTH
Direct contact discharge,
R=1.5 k
Ω + 3 kΩ, C=100 pF
–8
+8
kV
ESDLGHB
ESD capability of pins TxD, NSTB, EN, RxD, and
RTH
Direct contact discharge,
R=1.5 k
Ω , C=100 pF
–2
+2
kV
RTmin
Bus load resistance RT being connected to pin
RTH
2
k
Tamb
Operating ambient temperature
–40
+125
°C
Tstg
Storage temperature
–40
+150
°C
Tvj
Junction temperature
–40
+150
°C
NOTES:
1. Test pulses are coupled to CANH through a series capacitance of 1 nF.
2. Rise time for test pulse 1: tr < 1 µs; pulse 2: tr < 100 ns; pulses 3a/3b: tr < 5 ns.


Similar Part No. - AU5790D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU5780 PHILIPS-AU5780 Datasheet
74Kb / 10P
   SAE/J1850/VPW transceiver
1998 Jun 30
AU5780A PHILIPS-AU5780A Datasheet
83Kb / 12P
   SAE/J1850/VPW transceiver
2001 Jun 19
AU5780AD PHILIPS-AU5780AD Datasheet
83Kb / 12P
   SAE/J1850/VPW transceiver
2001 Jun 19
AU5780D PHILIPS-AU5780D Datasheet
74Kb / 10P
   SAE/J1850/VPW transceiver
1998 Jun 30
AU5780D-T PHILIPS-AU5780D-T Datasheet
74Kb / 10P
   SAE/J1850/VPW transceiver
1998 Jun 30
More results

Similar Description - AU5790D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_17 Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_15 Datasheet
205Kb / 24P
   Single Wire CAN Transceiver
December, 2015 ??Rev. 10
logo
Freescale Semiconductor...
MC33897 FREESCALE-MC33897_07 Datasheet
512Kb / 20P
   Single Wire CAN Transceiver
MC33897 FREESCALE-MC33897_11 Datasheet
510Kb / 19P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_10 Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
logo
Freescale Semiconductor...
MC33897CTEFR2 FREESCALE-MC33897CTEFR2 Datasheet
413Kb / 19P
   Single Wire CAN Transceiver
MCZ33897AEF FREESCALE-MCZ33897AEF Datasheet
522Kb / 20P
   Single Wire CAN Transceiver
logo
Micro Electronics
TH8055 MICRO-ELECTRONICS-TH8055 Datasheet
266Kb / 15P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_07 Datasheet
218Kb / 24P
   Single Wire CAN Transceiver
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com