Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74401 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74401
Description  3.0A Ultra-Low Dropout Linear Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74401 Datasheet(HTML) 1 Page - Texas Instruments

  TPS74401 Datasheet HTML 1Page - Texas Instruments TPS74401 Datasheet HTML 2Page - Texas Instruments TPS74401 Datasheet HTML 3Page - Texas Instruments TPS74401 Datasheet HTML 4Page - Texas Instruments TPS74401 Datasheet HTML 5Page - Texas Instruments TPS74401 Datasheet HTML 6Page - Texas Instruments TPS74401 Datasheet HTML 7Page - Texas Instruments TPS74401 Datasheet HTML 8Page - Texas Instruments TPS74401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPS74401
TPS74401
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
TPS74401
GND
EN
FB
IN
PG
SS
OUT
V
IN
V
OUT
V
PG
R
1
R
2
R
3
C
OUT
Optional
C
IN
1 F
m
C
SS
V
BIAS
C
BIAS
1 F
m
BIAS
1V/div
500mV/div
Time(1ms/div)
C
=0 F
SS
m
C
=0.001 F
SS
m
C
=0.0047 F
SS
m
V
OUT
V
EN
0V
1.1V
TPS74401
SBVS066D – DECEMBER 2005 – REVISED AUGUST 2006
3.0A Ultra-Low Dropout Linear Regulator
Soft-Start (SS) Pin Provides a Linear Startup
The TPS74401 low-dropout (LDO) linear regulator
with Ramp Time Set by External Capacitor
provides an easy-to-use robust power management
1% Accuracy Over Line, Load, and
solution
for
a
wide
variety
of
applications.
Temperature
User-programmable soft-start minimizes stress on
Supports Input Voltages as Low as 0.9V with
the input power source by reducing capacitive inrush
External Bias Supply
current on start-up. The soft-start is monotonic and
well-suited for powering many different types of
Adjustable Output (0.8V to 3.6V)
processors and ASICs. The enable input and
Ultra-Low Dropout: 115mV at 3.0A (typ)
power-good output allow easy sequencing with
Stable with Any or No Output Capacitor
external regulators. This complete flexibility permits
the user to configure a solution that will meet the
Excellent Transient Response
sequencing requirements of FPGAs, DSPs, and
Available in 5mm
× 5mm × 1mm QFN and
other applications with specific start-up requirements.
DDPAK-7 Packages
A precision reference and error amplifier deliver 1%
Open-Drain Power-Good (QFN only)
accuracy over load, line, temperature, and process.
Active High Enable
Each LDO is stable with low-cost ceramic output
capacitors and the device is fully specified from
–40
°C to +125°C. The TPS74401 is offered in a
FPGA Applications
small (5mm
× 5mm) QFN package, yielding a highly
compact total solution size. For applications that
DSP Core and I/O Voltages
require additional power dissipation, the DDPAK
Post-Regulation Applications
(KTW) package is also available.
Applications with Special Start-Up Time or
Sequencing Requirements
Hot-Swap and Inrush Controls
Figure 1. Typical Application Circuit
Figure 2. Turn-On Response
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS74401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401 TI1-TPS74401 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
[Old version datasheet]   3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401-EP TI1-TPS74401-EP Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401KTWR TI-TPS74401KTWR Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401KTWR TI1-TPS74401KTWR Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
More results

Similar Description - TPS74401

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
International Rectifier
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com