Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74401RGWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74401RGWR
Description  3.0A Ultra-Low Dropout Linear Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74401RGWR Datasheet(HTML) 5 Page - Texas Instruments

  TPS74401RGWR Datasheet HTML 1Page - Texas Instruments TPS74401RGWR Datasheet HTML 2Page - Texas Instruments TPS74401RGWR Datasheet HTML 3Page - Texas Instruments TPS74401RGWR Datasheet HTML 4Page - Texas Instruments TPS74401RGWR Datasheet HTML 5Page - Texas Instruments TPS74401RGWR Datasheet HTML 6Page - Texas Instruments TPS74401RGWR Datasheet HTML 7Page - Texas Instruments TPS74401RGWR Datasheet HTML 8Page - Texas Instruments TPS74401RGWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
5
5QFN(RGW)
´
Package
TopView
¾
IN
IN
IN
PG
BIAS
OUT
OUT
OUT
NC
FB
TPS74401
6
7
8
9
10
20
19
18
17
16
GND
7-Lead
DDPAK(KTW)
Surface-Mount
OUT
GND BIAS
IN
FB
SS
1 2 3 4 5 6
EN
7
PIN DESCRIPTIONS
TPS74401
SBVS066D – DECEMBER 2005 – REVISED AUGUST 2006
NAME
KTW (DDPAK)
RGW (QFN)
DESCRIPTION
IN
5
5–8
Unregulated input to the device.
Enable pin. Driving this pin high enables the regulator. Driving this pin low puts
EN
7
11
the regulator into shutdown mode. This pin must not be left floating.
SS
1
15
Soft-Start pin. A capacitor connected on this pin to ground sets the start-up
time. If this pin is left floating, the regulator output soft-start ramp time is
typically 100
µs.
BIAS
6
10
Bias input voltage for error amplifier, reference, and internal control circuits.
Power-Good (PG) is an open-drain, active-high output that indicates the status
of VOUT. When VOUT exceeds the PG trip threshold, the PG pin goes into a
high-impedance state. When VOUT is below this threshold the pin is driven to a
PG
N/A
9
low-impedance state. A pull-up resistor from 10k
Ω to 1MΩ should be
connected from this pin to a supply up to 5.5V. The supply can be higher than
the input voltage. Alternatively, the PG pin can be left floating if output
monitoring is not necessary.
This pin is the feedback connection to the center tap of an external resistor
FB
2
16
divider network that sets the output voltage. This pin must not be left floating.
OUT
3
1, 18–20
Regulated output voltage. No capacitor is required on this pin for stability.
No connection. This pin can be left floating or connected to GND to allow better
NC
N/A
2–4, 13, 14, 17
thermal contact to the top-side plane.
GND
4
12
Ground
PAD/TAB
Should be soldered to the ground plane for increased thermal performance.
5
Submit Documentation Feedback


Similar Part No. - TPS74401RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401RGWR TI-TPS74401RGWR Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401RGWR TI1-TPS74401RGWR Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401RGWRG4 TI-TPS74401RGWRG4 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401RGWRG4 TI1-TPS74401RGWRG4 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
More results

Similar Description - TPS74401RGWR

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
International Rectifier
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com