Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74401RGWT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74401RGWT
Description  3.0A Ultra-Low Dropout Linear Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74401RGWT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS74401RGWT Datasheet HTML 3Page - Texas Instruments TPS74401RGWT Datasheet HTML 4Page - Texas Instruments TPS74401RGWT Datasheet HTML 5Page - Texas Instruments TPS74401RGWT Datasheet HTML 6Page - Texas Instruments TPS74401RGWT Datasheet HTML 7Page - Texas Instruments TPS74401RGWT Datasheet HTML 8Page - Texas Instruments TPS74401RGWT Datasheet HTML 9Page - Texas Instruments TPS74401RGWT Datasheet HTML 10Page - Texas Instruments TPS74401RGWT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
1400
1300
1200
1100
1000
900
800
700
600
500
0
500
1000
1500
2000
2500
I
(mA)
OUT
3000
+125 C
°
+25 C
°
-
40 C
°
V
=V
IN
BIAS
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
I
=3.0A
OUT
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
V
=1.8,V
=1.5V
IN
OUT
OUT
,I
=1.5A
C
=0 F
OUT
m
C
=10 F
OUT
m
C
=100 F
OUT
m
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
V
=1.8,V
=1.5V
IN
OUT
OUT
,I
=100mA
C
=10 F
OUT
m
C
=100 F
OUT
m
C
=0 F
OUT
m
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
V
=1.8,V
=1.5V
IN
OUT
OUT
,I
=3A
C
=100 F
OUT
m
C
=0 F
OUT
m
C
=10 F
OUT
m
90
80
70
60
50
40
30
20
10
0
0
0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25
V
V
-
IN
OUT (V)
2.50
1kHz
100kHz
300kHz
700kHz
C
=22 F
I
=1.5A
m
OUT
OUT
TPS74401
SBVS066D – DECEMBER 2005 – REVISED AUGUST 2006
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, VOUT = 1.5V, VIN = VOUT(TYP) + 0.3V, VBIAS = 3.3V, IOUT = 50mA, CIN = 1µF, CBIAS = 1µF, CSS = 0.01µF, and COUT = 10µF,
unless otherwise noted.
VBIAS DROPOUT VOLTAGE vs
IOUT AND TEMPERATURE (TJ)
VBIAS PSRR vs FREQUENCY
Figure 9.
Figure 10.
VIN PSRR vs FREQUENCY
VIN PSRR vs FREQUENCY
Figure 11.
Figure 12.
VIN PSRR vs FREQUENCY
VIN PSRR vs VIN – VOUT
Figure 13.
Figure 14.
7
Submit Documentation Feedback


Similar Part No. - TPS74401RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401RGWT TI-TPS74401RGWT Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401RGWT TI1-TPS74401RGWT Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401RGWTG4 TI-TPS74401RGWTG4 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401RGWTG4 TI1-TPS74401RGWTG4 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
More results

Similar Description - TPS74401RGWT

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
International Rectifier
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com