Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5924RHB Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC5924RHB
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5924RHB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5924RHB Datasheet HTML 6Page - Texas Instruments TLC5924RHB Datasheet HTML 7Page - Texas Instruments TLC5924RHB Datasheet HTML 8Page - Texas Instruments TLC5924RHB Datasheet HTML 9Page - Texas Instruments TLC5924RHB Datasheet HTML 10Page - Texas Instruments TLC5924RHB Datasheet HTML 11Page - Texas Instruments TLC5924RHB Datasheet HTML 12Page - Texas Instruments TLC5924RHB Datasheet HTML 13Page - Texas Instruments TLC5924RHB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
t
pd2
t
pd2
VUP
Pre-chargePeriod
ON
CurrentON
OFF
BLANK
OUT0
OUT14
OUT15
ON
OFF
t x14
d
t x14
d
VUP: Pre-Charge Power Supply
VUP
VUP
TLC5924
Pre-ChargePowerSupply
Serial Interface Data Transfer Rate
TLC5924
SLVS626 – JUNE 2006
Figure 9. Timing Chart of BLANK and OUTn
(On/Off Data Condition: OUT0=H, OUT14=H, OUT15=L)
VUP is a pre-charge power supply terminal. The pre-charge voltage should be supplied to this terminal for
normal operation. When VUP terminal is open, TLC5924 keeps OUT0-15 open. TLC5924 has two VUP pins as
shown in the Terminal Functions Table. Both VUP pins should be connected to the pre-charge power supply as
shown in Figure 10.
Figure 10. VUP Power Supply
The TLC5924 includes a flexible serial interface, which can be connected to a microcontroller or digital signal
processor. Only 3 pins are required to input data into the device. The rising edge of SCLK signal shifts the data
from SIN pin to internal shift register. After all data is clocked in, a rising edge of XLAT latches the serial data to
the internal registers. All data is clocked in with MSB first. Multiple TLC5924 devices can be cascaded by
connecting SOUT pin of one device with SIN pin of following device. The SOUT pin can also be connected to
controller to receive LOD information from TLC5924.
10
Submit Documentation Feedback


Similar Part No. - TLC5924RHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5924RHBR TI1-TLC5924RHBR Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5924RHBT TI1-TLC5924RHBT Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5924RHBTG4 TI1-TLC5924RHBTG4 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
More results

Similar Description - TLC5924RHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5923 TI1-TLC5923_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923 TI1-TLC5923_17 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC59283 TI1-TLC59283_15 Datasheet
1Mb / 29P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Pre-Charge FET
TLC59283 TI1-TLC59283 Datasheet
778Kb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Pre-Charge FET
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com