Electronic Components Datasheet Search |
|
EPC3076G-6 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC. |
|
EPC3076G-6 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC. |
|
1 / 1 page E L E C T R O N I C S I N C . Surface Mount Power Transformer TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 Features of the ER 11-6 Series • Low Loss Material ensures operation in High Frequency Switching Converters such as Flyback, Buck, Boost Topology or as Coupled Inductors† • Selected models can be used in Forward, Push-Pull or Half & Full Bridge Topology†† • Very Low Leakage Inductance • 500 Vrms Isolations EPC3076G-X Product performance is limited to specified parameters. Data is subject to change without prior notice. Primary Specification : † For Flyback, Buck, Boost Topolgy or as Coupled Inductors Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25 CSC3076G-X Rev. 1 3/3/03 FT Package ER 11-6 Notes : 1. Ns = Number of series connections 2. Np = Number of parallel connections 3. Ks = Ns x 6/Ns 4. Kp = 6/Np Connection Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Part Number EPC3076G-1 EPC3076G-2 EPC3076G-3 EPC3076G-4 EPC3076G-5 EPC3076G-6 EPC3076G-7 EPC3076G-8 EPC3076G-9 EPC3076G-10 Idc † (Amps) 1.35 /Ks 1.35 /Kp .55 2.08 /Ks 2.08 /Kp .85 1.35 /Ks 1.35 /Kp .55 2.08 /Ks 2.08 /Kp .85 1.35 /Ks 1.35 /Kp .55 2.08 /Ks 2.08 /Kp .85 1.35 /Ks 1.35 /Kp .55 2.08 /Ks 2.08 /Kp .85 Irms †† 1.35 /Ks 1.35 /Kp .55 2.08 /Ks 2.08 /Kp .85 DCR ( Ω Max.) 344 xNs .344 /Np .344 .145xNs .145 /Np .145 .344 xNs .344 /Np .344 .145xNs .145 /Np .145 .344 xNs .344 /Np .344 .145xNs .145 /Np .145 .344 xNs .344 /Np .344 .145xNs .145 /Np .145 .344 xNs .344 /Np .344 .145xNs .145 /Np .145 Inductance Change @ Idc (Typ.) 14% 14% 1% 14% 14% 1% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% --- --- --- --- --- --- Inductance (µH ± 20%) † @ 0 Adc 27.4 x(Ns) 27.4 27.4 12.2 x(Ns) 12.2 12.2 14.7 x(Ns) 14.7 14.7 6.5 x(Ns) 6.5 6.5 10.9 x(Ns) 10.9 10.9 4.9 x(Ns) 4.9 4.9 8.5 x(Ns) 8.5 8.5 3.8 x(Ns) 3.8 3.8 (µH ± 30%) †† 201.6 x(Ns) 201.6 201.6 89.6 x(Ns) 89.6 89.6 Temp. Rise @ Idc † (°C Typ.) 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 @ Irms †† 62 62 62 62 62 62 Vt 1 (V-µSec. Max.) 33 xNs 33 33 22 xNs 22 22 33 xNs 33 33 22 xNs 22 22 33 xNs 33 33 22 xNs 22 22 33 xNs 33 33 22 xNs 22 22 33 xNs 33 33 22 xNs 22 22 2 2 2 2 2 2 2 2 Primary Specification : ††For Forward, Push-Pull, Half & Full Bridge Topology .512 Max. (13.00) 0°-8° .059 (1.50) .010 (.250) .244 Max. (6.20) .079 (2.00) .028 (.700) .012 (.300) Marking : PCA EPC3076G-X Date Code .508 Max. (12.90) Pin 1 I.D. Solder Pad Layout .559 (14.20) .079 (2.00 .059 (1.50) .089 (2.25) Schematic 11 10 9 8 7 12 5 4 3 2 1 6 1:1:1:1:1:1 2 2 |
Similar Part No. - EPC3076G-6 |
|
Similar Description - EPC3076G-6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |