Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6687ER1-L Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6687ER1-L
Description  4 Channel Charge Pump White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6687ER1-L Datasheet(HTML) 5 Page - Sipex Corporation

  SP6687ER1-L Datasheet HTML 1Page - Sipex Corporation SP6687ER1-L Datasheet HTML 2Page - Sipex Corporation SP6687ER1-L Datasheet HTML 3Page - Sipex Corporation SP6687ER1-L Datasheet HTML 4Page - Sipex Corporation SP6687ER1-L Datasheet HTML 5Page - Sipex Corporation SP6687ER1-L Datasheet HTML 6Page - Sipex Corporation SP6687ER1-L Datasheet HTML 7Page - Sipex Corporation SP6687ER1-L Datasheet HTML 8Page - Sipex Corporation SP6687ER1-L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Date: 11/15/05
SP6687 4Channel Charge Pump White LED Driver
© Copyright 2005 Sipex Corporation
THEORY OF OPERATION
The SP6687 is a high efficiency charge pump white
LED driver. It provides 4 channels of low drop-out
voltage current source to regulate the current for 4
white LEDs.
For high efficiency, the SP6687
implements 3 modes of charge pump: x1/x1.5/x2
modes. An external RSET is used to set the current
level of the White LEDs. SP6687 has an input current
regulation circuit to reduce the input ripple.
Soft Start
The SP6687 includes a soft start circuit to limit the
inrush current at power on and mode switching. The
soft start circuit holds the input current level long
enough for output capacitor COUT to reach a desired
voltage level. When the soft start turns off, the SP6687
will not sink current spiking from VIN.
Mode Decision
The SP6687 uses a smart mode decision method to
select the working mode for maximum efficiency. The
mode decision circuit senses the output and LED
voltage for up/down selection.
Dimming Control
CTRL0, CTRL1 and CTRL2 are used to control the
on/off of correlated White LEDs. When an external
PWM signal is connected to the control pin, the
brightness of the white LEDs is adjusted by the duty
cycle.
The current flowing through White LEDs connected
to the SP6687 can be set by RSET. Every current that
flows through each respective White LED is 440
times greater than the current of RSET. The white LED
current can be estimated by following equation:
LED Current Setting
where VISET =1.1V, and RSET is the resistance con-
nected from ISET to GND.
Thermal Shutdown
The SP6687 provides a high current capability to drive
4 white LEDs. A thermal shutdown circuit is needed to
protect the chip from thermal damage. When the chip
reaches the shutdown temperature of 150ºC, the
thermal shutdown circuit turns off the chip to prevent
thermal accumulation in the chip.
Overvoltage Protection
SP6687 regulates the output voltage by controlling
the input current. When the output voltage reaches the
designated level, SP6687 reduces the input current.
Subsequently, the output voltage regulation also serves
as an overvoltage protection circuit.
Short Circuit Protection
A current limiting circuit is also included in the SP6687
for short circuit protection. Whenever the output
sources a dangerously high current, the current limit-
ing circuit takes over the output regulation circuit and
reduces the output current to an acceptable level.
ILED =440x (
VISET
RSET )
APPLICATION INFORMATION
Typical Application Circuit For 3-White LEDs
EN
CTRL0
CTRL1
CTRL2
C1P
C1N
C2P
C2N
GND
LED1
LED2
LED3
LED4
C1 1µF
C2 1µF
1
3
4
5
6
7
89
10
11
12
13
14
15
16
2
Li-ion
Battery
SP6687
VIN
VOUT
ISET
RSET
COUT
1µF
CIN
1µF
®


Similar Part No. - SP6687ER1-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6687ER-L SIPEX-SP6687ER-L Datasheet
61Kb / 4P
   Evaluation Board Manual
SP6687ER-LTR SIPEX-SP6687ER-LTR Datasheet
61Kb / 4P
   Evaluation Board Manual
More results

Similar Description - SP6687ER1-L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Seaward Electronics Inc...
SE3362 SEAWARD-SE3362 Datasheet
329Kb / 8P
   4-Channel Regulated Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604_08 Datasheet
411Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
logo
Power Analog Micoelectr...
PAM2701 PAM-PAM2701 Datasheet
387Kb / 14P
   4-Channel Regulated Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604 Datasheet
616Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
229Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com