Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16003CCCZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADIS16003CCCZ
Description  Dual-Axis 짹1.7 g Accelerometer with SPI Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16003CCCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADIS16003CCCZ Datasheet HTML 6Page - Analog Devices ADIS16003CCCZ Datasheet HTML 7Page - Analog Devices ADIS16003CCCZ Datasheet HTML 8Page - Analog Devices ADIS16003CCCZ Datasheet HTML 9Page - Analog Devices ADIS16003CCCZ Datasheet HTML 10Page - Analog Devices ADIS16003CCCZ Datasheet HTML 11Page - Analog Devices ADIS16003CCCZ Datasheet HTML 12Page - Analog Devices ADIS16003CCCZ Datasheet HTML 13Page - Analog Devices ADIS16003CCCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADIS16003
Rev. 0 | Page 10 of 16
800
100
VOLTS
5.4
2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2
700
600
500
400
300
200
90
0
CURRENT (
μA)
1.75
50
40
30
20
10
1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70
3.3V
5V
80
70
60
Figure 21. Supply Current at 25°C
Figure 19. Self-Test vs. Supply Voltage
1.0
–1.0
SAMPLE RATE (kSPS)
100
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
10
1.8
1.0
VOLTS
5.4
2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2
TA = +25°C
TA = –40°C
1.7
1.6
1.5
1.4
1.3
1.2
1.1
TA = +125°C
Figure 22. Sampling Error vs. Sample Rate
Figure 20. Supply Current vs. Supply Voltage


Similar Part No. - ADIS16003CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16003 AD-ADIS16003 Datasheet
819Kb / 9P
   iSensor??PC Evaluation System
Rev. Pr.A, 8/10/06
ADIS16003 AD-ADIS16003 Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
ADIS16003/PCBZ AD-ADIS16003/PCBZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16003PCBZ AD-ADIS16003PCBZ Datasheet
819Kb / 9P
   iSensor??PC Evaluation System
Rev. Pr.A, 8/10/06
ADIS16003PCBZ AD-ADIS16003PCBZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16003CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
logo
Analog Devices
ADIS16006 AD-ADIS16006 Datasheet
391Kb / 16P
   Dual-Axis -5 Accelerometer with SPI Interface
REV. 0
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
logo
MEMSIC Semiconductor (T...
MXD2020G MEMSIC-MXD2020G Datasheet
172Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
logo
List of Unclassifed Man...
MXA2500G ETC1-MXA2500G Datasheet
335Kb / 8P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Absolute Outputs
MXD2020G ETC1-MXD2020G Datasheet
144Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com