Electronic Components Datasheet Search |
|
EVAL-ADAU1701EB Datasheet(PDF) 4 Page - Analog Devices |
|
EVAL-ADAU1701EB Datasheet(HTML) 4 Page - Analog Devices |
4 / 43 page ADAU1701 Preliminary Technical Data Rev. PrF | Page 4 of 43 SPECIFICATIONS Table 1. Test conditions, unless otherwise noted Parameter Conditions Analog Supply Voltage (AVDD) 3.3 V Digital Supply Voltage (DVDD) 1.8 V PLL Voltage (PVDD) 3.3 V Input/Output Voltage (IOVDD) 3.3 V Ambient Temperature 25° C Master Clock Input 12.288 MHz Load Capacitance Load Current Input Voltage, HI Input Voltage, LO ANALOG PERFORMANCE Table 2. Analog Performance Parameter Min Typical Max Units Test Conditions/Comments VOLTAGE REFERENCE Absolute Voltage (CM, FILTA, FILTD) 1.5 V Temperature Coefficient 130 ppm/°C AUX ANALOG INPUTS Full Scale Analog Input 3.3 V INL TBD DNL TBD Offset TBD mV Input impedance 30 kΩ ADC INPUTS Number of channels 2 Stereo input Resolution 24 Bits Full Scale Input 100 (283) μArms (μA p-p) 2Vrms input with 20kΩ (18 kΩ external + 2 kΩ internal) series resistor Signal-to-Noise Ratio A-Weighted 100 dB Dynamic Range -60dB with respect to full scale Analog input A-Weighted 100 dB Total Harmonic Distortion + Noise -80 dB -1 dB with respect to full scale Analog input Interchannel Gain Mismatch TBD dB Left and Right channel Gain Mismatch Crosstalk TBD dB Analog channel-to-channel crosstalk DC Bias 1.5 V Gain Error TBD % Power Supply Rejection TBD dB 1kHz, 300mVP-P Signal at AVDD DAC OUTPUTS Number of channels 4 2 stereo output channels Resolution 24 Bits Full Scale Analog Output 0.9 (2.5) Vrms (V pp) Signal-to-Noise Ratio A-Weighted 104 dB Dynamic Range -60dB with respect to full scale Analog input A-Weighted 104 dB Total Harmonic Distortion + Noise -90 dB -1 dB with respect to full scale Analog input Crosstalk TBD dB Analog channel-to-channel crosstalk Interchannel Gain Mismatch TBD dB Left and Right channel Gain Mismatch |
Similar Part No. - EVAL-ADAU1701EB |
|
Similar Description - EVAL-ADAU1701EB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |