Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68762H Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M68762H
Description  440-490MHz, 12.5V, 30W, FM MOBILE RADIO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M68762H Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M68762H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M68762H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M68762H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
440-490MHz, 12.5V, 30W, FM MOBILE RADIO
M68762H
MITSUBISHI RF POWER MODULE
Nov. ´97
TYPICAL PERFORMANCE DATA
OUTPUT POWER, TOTAL EFFICIENCY
INPUT VSWR VS. FREQUENCY
FREQUENCY f (MHz)
100
70
30
0
430
440
470
500
ηT
PO
50
10
50
45
35
15
5
0
25
90
ρin
40
30
10
20
60
20
40
80
450
480
460
490
Tc=25
°C
Pin=0.3W
VCC1=12.5V
VCC2=12.5V
VCC3=12.5V
ZG=ZL=50
100
1
0.1
0.01
10
OUTPUT POWER, EACH CURRENT
VS. INPUT POWER
INPUT POWER Pin (mW)
100
ICC2
PO
ICC1
100
1
0.1
0.01
0
400
ICC3
10
250
150
300
200
350
50
Tc=25
°C
f=440MHz
VCC1=12.5V
VCC2=12.5V
VCC3=12.5V
ZG=ZL=50
100
1
0.1
0.01
10
OUTPUT POWER, EACH CURRENT
VS. INPUT POWER
INPUT POWER Pin (mW)
100
ICC2
PO
ICC1
100
1
0.1
0.01
0
400
ICC3
10
250
150
300
200
350
50
Tc=25
°C
f=490MHz
VCC1=12.5V
VCC2=12.5V
VCC3=12.5V
ZG=ZL=50
OUTPUT POWER, EACH CURRENT
VS. FIRST SUPPLY VOLTAGE
FIRST SUPPLY VOLTAGE VCC1 (V)
10
0
16
12
4
8
100
1
0.1
0.01
10
100
1
0.1
0.01
10
2
6
14
ICC2
PO
ICC1
ICC3
Tc=25
°C
f=440MHz
Pin=0.3W
VCC2=12.5V
VCC3=12.5V
ZG=ZL=50
OUTPUT POWER, EACH CURRENT
VS. FIRST SUPPLY VOLTAGE
FIRST SUPPLY VOLTAGE VCC1 (V)
10
0
16
12
4
8
100
1
0.1
0.01
10
100
1
0.1
0.01
10
2
6
14
ICC2
PO
ICC1
ICC3
Tc=25
°C
f=490MHz
Pin=0.3W
VCC2=12.5V
VCC3=12.5V
ZG=ZL=50
OUTPUT POWER, EACH CURRENT
VS. SUPPLY VOLTAGE
SUPPLY VOLTAGE VCC1, 2, 3 (V)
10
0
16
12
4
8
100
1
0.1
0.01
10
100
1
0.1
0.01
10
2
6
14
ICC2
PO
ICC1
ICC3
Tc=25
°C
f=440MHz
Pin=0.3W
ZG=ZL=50


Similar Part No. - M68762H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M68762L MITSUBISHI-M68762L Datasheet
39Kb / 3P
   400-450MHz, 12.5V, 30W, FM MOBILE RADIO
M68762SH MITSUBISHI-M68762SH Datasheet
34Kb / 1P
   470-512MHz, 12.5V, 30W, FM MOBILE RADIO
M68762SL MITSUBISHI-M68762SL Datasheet
333Kb / 1P
   Silicon Bipolar Power Amplifier, 350-400MHz 30W FM Mobile
More results

Similar Description - M68762H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M57729UH MITSUBISHI-M57729UH Datasheet
42Kb / 1P
   470-490MHz 12.5V,30W,FM MOBILE RADIO?????????
M57704UH MITSUBISHI-M57704UH Datasheet
44Kb / 1P
   470-490MHz 12.5V,13W,FM MOBILE RADIO???
M57788UH MITSUBISHI-M57788UH Datasheet
42Kb / 1P
   470-490MHz, 12.5V, 40W, FM MOBILE RADIO?
M68703SHA MITSUBISHI-M68703SHA Datasheet
34Kb / 1P
   470-490MHz, 12.5V, 50W, FM MOBILE RADIO
M57714UH MITSUBISHI-M57714UH Datasheet
50Kb / 1P
   470-490MHz, 12.5V, 7W, FM MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M Datasheet
94Kb / 9P
   440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M_10 Datasheet
72Kb / 8P
   440-520MHz 30W 12.5V MOBILE RADIO
M57774S MITSUBISHI-M57774S Datasheet
44Kb / 1P
   185-200MHz, 12.5V, 30W, FM MOBILE RADIO?
M67730L MITSUBISHI-M67730L Datasheet
183Kb / 4P
   175-200MHz,12.5V,30W,FM MOBILE RADIO???
M67741L MITSUBISHI-M67741L Datasheet
164Kb / 3P
   135-160MHz,12.5V,30W, FM MOBILE RADIO????
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com