Electronic Components Datasheet Search |
|
CMDA31GB15D13L Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc |
|
CMDA31GB15D13L Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc |
|
1 / 1 page - 1 - Americas Europe 147 Central Avenue Robert Bunsen Str. 1 Hackensack, NJ 07601 D-67098 Bad Durkheim (201) 489-8989 +49 (6322) 9567-0 www.cml-it.com www.cml-it.com CMDA31 Series Power LED (1 Watt) on Star PCB CMDA32 Series Power LED (1 Watt) on Square PCB - Features • Super high flux output and high luminance • Designed for high current operation • Low thermal resistance • SMT solder compatible • Lead (Pb) Free Product – RoHS Compliant - Applications • General Illumination - Outdoor & Indoor Architectural Lighting - Decorative Lighting - Portable Lighting / Flash Light (Torch) Lamps - Reading Lamps and Task Lighting - Traffic Signaling - Description These packaged LED’s on metal PCB’s are designed for high current operation and high flux output applications. The package design features better thermal management characteristics than other LED solutions. Because of these advantages, this product has many applications such as internal & external lighting, automobile lighting, large size LCD backlight, etc. |
Similar Part No. - CMDA31GB15D13L |
|
Similar Description - CMDA31GB15D13L |