Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1986BSTZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD1986BSTZ
Description  AC ??7 SoundMAX CODEC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986BSTZ Datasheet(HTML) 1 Page - Analog Devices

  AD1986BSTZ Datasheet HTML 1Page - Analog Devices AD1986BSTZ Datasheet HTML 2Page - Analog Devices AD1986BSTZ Datasheet HTML 3Page - Analog Devices AD1986BSTZ Datasheet HTML 4Page - Analog Devices AD1986BSTZ Datasheet HTML 5Page - Analog Devices AD1986BSTZ Datasheet HTML 6Page - Analog Devices AD1986BSTZ Datasheet HTML 7Page - Analog Devices AD1986BSTZ Datasheet HTML 8Page - Analog Devices AD1986BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
AC ’97 SoundMAX CODEC
AD1986
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
AC `97 2.3 COMPLIANT FEATURES
6 DAC channels for 5.1 surround
S/PDIF output
Integrated headphone amplifiers
Variable rate audio
Double rate audio (Fs = 96 kHz)
Greater than 90 dB dynamic range
20-bit resolution on all DACs
20-bit resolution on all ADCs
Line-level mono phone input
High quality CD input
Selectable MIC input w/preamp
AUX and line-in stereo inputs
External amplifier power down (EAPD)
Power management modes
Jack sensing and device identification
48-pin LQFP package
ENHANCED FEATURES
Integrated parametric equalizer
Stereo microphone with up to 30 dB gain boost
Integrated PLL for system clocking
Variable sample rate: 7 kHz to 96 kHz
7 kHz to 48 kHz in 1 Hz increments
96 kHz for double rate audio
Jack sense with auto topology switching
Jack presence detection on up to 8 jacks
Three software-controlled VREF_OUT signals
Software-enabled outputs for jack sharing
Auto-down mix and channel spreading
Microphone-to-mono output
Stereo microphone pass-through to mixer
Built-in microphone/center/LFE/line-in sharing
Built-in SURROUND/LINE_IN sharing
Center/LFE line swapping
Microphone swapping
Reduced support component count
General purpose digital output pin (GPO)
Separate LINE_OUT and HP_OUT pins
Headphone drivers on LINE_OUT and HP_OUT pins
Independent headphone/LINE_OUT operation


Similar Part No. - AD1986BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986ABSTZ AD-AD1986ABSTZ Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986ABSTZ-REEL AD-AD1986ABSTZ-REEL Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986AJCP AD-AD1986AJCP Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986AJCP-RL AD-AD1986AJCP-RL Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
More results

Similar Description - AD1986BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881A AD-AD1881A Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1981B AD-AD1981B Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
   AC ??7 SoundMAX Codec
REV. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com