Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC3127-1 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC3127-1
Description  Flyback Power Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3127-1 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC3127-1 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Flyback Power Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used in SMPS Flyback Topology
• Designed for use with Power Integration Chip
• Reinforced Insulation (Triple Insulated Wire)
• UL 94V-0 Recognized Components
• UL 1446 Class F Insulation System
• Very Low Core Loss
EPC3127-X
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3127-X
Rev. 5
1/3/05 FT
Package
Voltage
(Vdc)
Primary
OCL
(µH ± 10%)
1900
1900
2400
475
2800
@ 10 KHz,
0.1 Vrms
TNY268P
TNY266P
TOP232Y/TOP242Y
TOP244P
TNY267
Chipset
120-375
120-375
120-375
120-375
120-375
V in
5
5
5
13.55
3.3
V out
1
Current
(Amp.)
• Note : “N” means Not Required/No Connections •
PCA
Part
Number
EPC3127-1
EPC3127-2
EPC3127-3
EPC3127-4
{
Schematic A
1
2
3
45
6
7
8
V in Pri.
Sec. 3
(Fb/Bias)
Sec. 1
Sec. 2
1
2
3
45
6
7
8
Pri.
Sec. 3
(Fb/Bias)
Sec. 1
Sec. 2
Schematic B
N
N
3.3
N
N
V out
2
15
15
15
15
15
V out
3
3.0
2.0
2.0
1.2
2.0
Sec.
1
N
N
2
N
N
Sec.
2
.05
.05
.05
.05
.05
Sec.
3
A
A
B
A
A
Schematic
Dielectric Rating
(Vrms)
Between Sec. Wdg’s to Core
1 sec. 4500 or 60 sec. 3750
Pri. to all Sec. Wdg’s & Core
1 sec. 4500 or 60 sec. 3750
Between Pri. Wdg & Bias
1 sec. 1500
.787
(20.00)
.590
Typ.
(15.00)
.728
Max.
(18.50)
.138
(3.50)
.031 Ø
(.800)
.815
(20.70)
.552
Max.
(14.00)
.063
(1.60)
.197
(5.00)
.590
Typ.
(15.00)
.197
(5.00)
.051
(1.30)
.590
(15.00)
.590
(15.00)
PCA
EPC3127-X
D.C.
• Switching Frequency : 132 KHz • Isolation : 4500 Vrms •


Similar Part No. - EPC3127-1

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3127-1 PCA-EPC3127-1 Datasheet
26Kb / 1P
   Flyback Power Transformer
More results

Similar Description - EPC3127-1

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3127-X PCA-EPC3127-X_07 Datasheet
26Kb / 1P
   Flyback Power Transformer
EPC3130-X PCA-EPC3130-X_15 Datasheet
25Kb / 1P
   Flyback Power Transformer
EPC3169-3 PCA-EPC3169-3 Datasheet
45Kb / 1P
   Flyback Power Transformer
EPC3166-X PCA-EPC3166-X_15 Datasheet
46Kb / 1P
   Flyback Power Transformer
EPC3169-X PCA-EPC3169-X_15 Datasheet
45Kb / 1P
   Flyback Power Transformer
EPC3129-X PCA-EPC3129-X Datasheet
39Kb / 1P
   Flyback Power Transformer
EPC3132-XA PCA-EPC3132-XA_15 Datasheet
45Kb / 1P
   Flyback Power Transformer
EPC3168G-X PCA-EPC3168G-X_15 Datasheet
27Kb / 1P
   Flyback Power Transformer
EPC3168G-1 PCA-EPC3168G-1 Datasheet
27Kb / 1P
   Flyback Power Transformer
EPC3130-X PCA-EPC3130-X_08 Datasheet
25Kb / 1P
   Flyback Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com