Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC3130-2 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC3130-2
Description  Flyback Power Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3130-2 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC3130-2 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Flyback Power Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EPC3130-X
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3130-X
Rev. 7
9/27/04 FT
Package
Voltage
(Vdc)
Primary OCL
(µH ± 10%)
273
490
342
466
466
256
@ 10 KHz, 0.1 Vrms
TOP249Y
TOP234Y
TOP247Y
TOP247Y
TOP244Y
Viper 100
Chipset
120-375
120-375
120-375
120-375
120-375
120-395
V in
19
12
35
24
24
24
V out 1
Current
(Amp.)
PCA
Part Number
EPC3130-1
EPC3130-2
EPC3130-3
EPC3130-4
EPC3130-5
EPC3130-6
19
12
35
12
5
24
V out 2
15
15
15
15
15
13
V out 3
1.8
1.9
1.0
2.0
1.0
1.8
Sec. 1
1.8
1.9
1.0
0.1
0.8
1.8
Sec. 2
.05
.05
.05
.05
.05
.05
Sec. 3
Dielectric Rating
(Vrms)
Between Wdg’s to Core
1 sec. 4500 or 60 sec. 3750
Pri. to all Sec. Wdg’s & Core
1 sec. 4500 or 60 sec. 3750
Between Pri. Wdg & Bias
1 sec. 1500
Schematic
9
10
11
12
1
3
5
6
V in Pri.
Sec. 3
(Fb/Bias)
Sec. 1
Sec. 2
Shield is optional
7
8
Sec. 4
N
N
N
24
N
N
V out 4
N
N
N
.025
N
N
Sec. 4
• Note : “N” equals Not Required/No Connection •
• Used in SMPS Flyback Topology
• Designed for use with Power Integration Chip
• Reinforced Insulation (Triple Insulated Wire)
• UL 94V-0 Recognized Components
• UL 1446 Class F Insulation System
• Very Low Core Loss
• Switching Frequency : 132 KHz • Isolation : 4500 Vrms •
.200
(5.08)
.051
(1.30)
1.00
(25.40)
Suggested
Layout
12
7
6
1
PCA
EPC3130-X
Date Code
.937
Max.
(23.80)
.138
(3.50)
.031 Sq.
(.800)
1.330 Max.
(33.78)
Pin 1
I.D.
.200
(5.08)
1.00 Typ.
(25.40)
1.320 Typ.
(33.55)


Similar Part No. - EPC3130-2

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3130-2 PCA-EPC3130-2 Datasheet
25Kb / 1P
   Flyback Power Transformer
EPC3130-2 PCA-EPC3130-2 Datasheet
25Kb / 1P
   Flyback Power Transformer
EPC3130-2-LF PCA-EPC3130-2-LF Datasheet
25Kb / 1P
   Flyback Power Transformer
More results

Similar Description - EPC3130-2

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3127-X PCA-EPC3127-X_07 Datasheet
26Kb / 1P
   Flyback Power Transformer
EPC3127-X PCA-EPC3127-X Datasheet
46Kb / 1P
   Flyback Power Transformer
EPC3130-X PCA-EPC3130-X_15 Datasheet
25Kb / 1P
   Flyback Power Transformer
EPC3169-3 PCA-EPC3169-3 Datasheet
45Kb / 1P
   Flyback Power Transformer
EPC3166-X PCA-EPC3166-X_15 Datasheet
46Kb / 1P
   Flyback Power Transformer
EPC3169-X PCA-EPC3169-X_15 Datasheet
45Kb / 1P
   Flyback Power Transformer
EPC3129-X PCA-EPC3129-X Datasheet
39Kb / 1P
   Flyback Power Transformer
EPC3132-XA PCA-EPC3132-XA_15 Datasheet
45Kb / 1P
   Flyback Power Transformer
EPC3168G-X PCA-EPC3168G-X_15 Datasheet
27Kb / 1P
   Flyback Power Transformer
EPC3168G-1 PCA-EPC3168G-1 Datasheet
27Kb / 1P
   Flyback Power Transformer
EPC3130-X PCA-EPC3130-X_08 Datasheet
25Kb / 1P
   Flyback Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com