Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4265-15ASC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C4265-15ASC
Description  8K/16K x 18 Deep Sync FIFOs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4265-15ASC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C4265-15ASC Datasheet HTML 1Page - Cypress Semiconductor CY7C4265-15ASC Datasheet HTML 2Page - Cypress Semiconductor CY7C4265-15ASC Datasheet HTML 3Page - Cypress Semiconductor CY7C4265-15ASC Datasheet HTML 4Page - Cypress Semiconductor CY7C4265-15ASC Datasheet HTML 5Page - Cypress Semiconductor CY7C4265-15ASC Datasheet HTML 6Page - Cypress Semiconductor CY7C4265-15ASC Datasheet HTML 7Page - Cypress Semiconductor CY7C4265-15ASC Datasheet HTML 8Page - Cypress Semiconductor CY7C4265-15ASC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CY7C4255
CY7C4265
Document #: 38-06004 Rev. *B
Page 4 of 22
Maximum Ratings [1]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................ –65°C to +150°C
Ambient Temperature with Power Applied . –55°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State ............................................... –0.5V to +7.0V
DC Input Voltage
..........................................−0.5V to V
CC+0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage............................................ >2001V
(per MIL–STD–883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Notes:
1.
The Voltage on any input or I/O pin cannot exceed the power pin during power-up.
2.
TA is the “Instant On” case temperature.
3.
See the last page of this specification for Group A subgroup testing information.
4.
The VIH and VIL specifications apply for all inputs except WXI, RXI. The WXI, RXI pin is not a TTL input. It is connected to either RXO, WXO of the
previous device or VSS.
5.
The VIH and VIL specifications apply for all inputs except WXI, RXI. The WXI, RXI pin is not a TTL input. It is connected to either RXO, WXO of the
previous device or VSS.
6.
Input signals switch from 0V to 3V with a rise/fall time of less than 3 ns, clocks and clock enables switch at 20 MHz, while data inputs switch at 10 MHz. Outputs
are unloaded. ICC1(typical) = (25 mA+(freq –20 MHz)*(1.0 mA/MHz)).
7.
All inputs = VCC – 0.2V, except RCLK and WCLK (which are switching at frequency = 20 MHz), and FL/RT which is at Vss. All outputs are unloaded.
8.
Tested initially and after any design changes that may affect these parameters.
9.
Tested initially and after any process changes that may affect these parameters.
Operating Range[2]
Range
Ambient
Temperature
VCC
Commercial
0°C to +70°C
5V
± 10%
Industrial[3]
–40°C to +85°C
5V
± 10%
Electrical Characteristics Over the Operating Range[3]
7C42X5–10
7C42X5–15
7C42X5–25
7C42X5– 35
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.,
IOH = –2.0 mA
2.4
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min.,
IOL = 8.0 mA
0.4
0.4
0.4
0.4
V
VIH
[4]
Input HIGH Voltage
2.0
VCC
2.0
VCC
2.0
VCC
2.0
VCC
V
VIL
[5]
Input LOW Voltage
–0.5
0.8
–0.5
0.8
–0.5
0.8
–0.5
0.8
V
IIX
Input Leakage
Current
VCC = Max.
–10
+10
–10
+10
–10
+10
–10
+10
µA
IOZL
IOZH
Output OFF,
High Z Current
OE > VIH,
VSS < VO < VCC
–10
+10
–10
+10
–10
+10
–10
+10
µA
ICC1
[6]
Active Power Supply
Current
Com’l
45
45
45
45
mA
Ind
50
50
50
50
mA
ICC2
[7]
Average Standby
Current
Com’l
10
10
10
10
mA
Ind
15
15
15
15
mA
Capacitance[8, 9]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
5
pF
COUT
Output Capacitance
7
pF


Similar Part No. - CY7C4265-15ASC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4265-15ASC CYPRESS-CY7C4265-15ASC Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4265-15ASC CYPRESS-CY7C4265-15ASC Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
More results

Similar Description - CY7C4265-15ASC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
logo
AverLogic Technologies ...
AL4CX3650 AVERLOGIC-AL4CX3650 Datasheet
33Kb / 2P
   2K/ 4K/ 8K/ 16K/ 32K x 36 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com