Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT2308A-1PG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT2308A-1PG
Description  3.3V ZERO DELAY CLOCK MULTIPLIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2308A-1PG Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT2308A-1PG Datasheet HTML 1Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 2Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 3Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 4Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 5Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 6Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 7Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 8Page - Integrated Device Technology IDT2308A-1PG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2308A
3.3V ZERO DELAY CLOCK MULTIPLIER
Device
FeedbackFrom
Bank A Frequency
Bank B Frequency
IDT2308A-1
Bank A or Bank B
Reference
Reference
IDT2308A-1H
Bank A or Bank B
Reference
Reference
IDT2308A-2
Bank A
Reference
Reference/2
IDT2308A-2
Bank B
2 x Reference
Reference
IDT2308A-2H
Bank A
Reference
Reference/2
IDT2308A-2H
Bank B
2 x Reference
Reference
IDT2308A-3
Bank A
2 x Reference
Reference or Reference(1)
IDT2308A-3
Bank B
4 x Reference
2 x Reference
IDT2308A-4
Bank A or Bank B
2 x Reference
2 x Reference
NOTE:
1. Output phase is indeterminant (0° or 180° from input clock).
AVAILABLE OPTIONS FOR IDT2308A
S2
S1
CLK A
CLK B
Output Source
PLL Shut Down
L
L
Tri-State
Tri-State
PLL
Y
L
H
Driven
Tri-State
PLL
N
H
L
Driven
Driven
REF
Y
H
H
Driven
Driven
PLL
N
FUNCTION TABLE(1) SELECT INPUT DECODING
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
ZERO DELAY AND SKEW CONTROL
To close the feedback loop of the IDT2308A, the FBK pin can be driven from any of the eight available output pins. The output driving the FBK pin
will be driving a total load of 7pF plus any additional load that it drives. The relative loading of this output (with respect to the remaining outputs) can adjust
the input-output delay.
For applications requiring zero input-output delay, all outputs including the one providing feedback should be equally loaded. Ensure the outputs are
loaded equally, for zero output-output skew.


Similar Part No. - IDT2308A-1PG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT2308A-1DCG RENESAS-IDT2308A-1DCG Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308A-1DCGI RENESAS-IDT2308A-1DCGI Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308A-1HDCG RENESAS-IDT2308A-1HDCG Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308A-1HDCGI RENESAS-IDT2308A-1HDCGI Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308A-1HPG RENESAS-IDT2308A-1HPG Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
More results

Similar Description - IDT2308A-1PG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308B IDT-IDT2308B Datasheet
295Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308A RENESAS-IDT2308A Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308 RENESAS-IDT2308 Datasheet
309Kb / 14P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308-1HDC8 IDT-IDT2308-1HDC8 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308 Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
2308B-1HDCG8 IDT-2308B-1HDCG8 Datasheet
134Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
   Zero Delay Clock Multiplier
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com