Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WP04 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7WP04
Description  TinyLogic ULP Dual Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WP04 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7WP04 Datasheet HTML 1Page - Fairchild Semiconductor NC7WP04 Datasheet HTML 2Page - Fairchild Semiconductor NC7WP04 Datasheet HTML 3Page - Fairchild Semiconductor NC7WP04 Datasheet HTML 4Page - Fairchild Semiconductor NC7WP04 Datasheet HTML 5Page - Fairchild Semiconductor NC7WP04 Datasheet HTML 6Page - Fairchild Semiconductor NC7WP04 Datasheet HTML 7Page - Fairchild Semiconductor NC7WP04 Datasheet HTML 8Page - Fairchild Semiconductor NC7WP04 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Preliminary
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Max
Min
Max
VOL
LOW Level
0.90
0.1
0.1
V
IOL = 20 µA
Output Voltage
1.10
≤ V
CC ≤ 1.30
0.1
0.1
1.40
≤ V
CC ≤ 1.60
0.1
0.1
1.65
≤ V
CC ≤ 1.95
0.1
0.1
2.30
≤ V
CC ≤ 2.70
0.1
0.1
3.00
≤ V
CC ≤ 3.60
0.1
0.1
1.10
≤ V
CC ≤ 1.30
0.30 x VCC
0.30 x VCC
IOL = 0.5 mA
1.40
≤ V
CC ≤ 1.60
0.31
0.37
IOL = 1 mA
1.65
≤ V
CC ≤ 1.95
0.31
0.35
IOL = 1.5 mA
2.30
≤ V
CC ≤ 2.70
0.31
0.33
IOL = 2.1 mA
3.00
≤ V
CC ≤ 3.60
0.31
0.33
IOL = 2.6 mA
IIN
Input Leakage Current
0.90 to 3.60
±0.1
±0.5
µA0 ≤ V
I ≤ 3.6V
IOFF
Power Off Leakage Current
0
0.5
0.5
µA0 ≤ (V
I, VO) ≤ 3.6V
ICC
Quiescent Supply Current
0.90 to 3.60
0.9
0.9
µAV
I = VCC or GND
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
Number
(V)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
0.90
27
ns
Figures
1, 2
tPLH
1.10
≤ V
CC ≤ 1.30
3.5
11
27.0
3.0
34.3
1.40
≤ V
CC ≤ 1.60
2.5
7
14.8
2.0
15.0
CL = 10 pF
1.65
≤ V
CC ≤ 1.95
2.0
6
12.0
1.5
12.2
RL = 1 MΩ
2.30
≤ V
CC ≤ 2.70
1.5
5
9.4
1.0
9.9
3.00
≤ V
CC ≤ 3.60
1.0
4
8.3
1.0
9.0
tPHL
Propagation Delay
0.90
30
ns
Figures
1, 2
tPLH
1.10
≤ V
CC ≤ 1.30
4.0
11
28.2
3.5
37.3
1.40
≤ V
CC ≤ 1.60
3.0
8
15.5
2.5
16.5
CL = 15 pF
1.65
≤ V
CC ≤ 1.95
2.5
6
12.6
2.0
13.6
RL = 1 MΩ
2.30
≤ V
CC ≤ 2.70
2.0
5
9.9
1.5
10.8
3.00
≤ V
CC ≤ 3.60
1.5
4
8.7
1.0
9.5
tPHL
Propagation Delay
0.90
32
ns
Figures
1, 2
tPLH
1.10
≤ V
CC ≤ 1.30
5.0
13
31.6
4.0
46.3
1.40
≤ V
CC ≤ 1.60
4.0
9
17.8
3.5
18.2
CL = 30 pF
1.65
≤ V
CC ≤ 1.95
3.0
7
14.4
2.0
15.9
RL = 1 MΩ
2.30
≤ V
CC ≤ 2.70
2.0
6
11.3
1.5
12.8
3.00
≤ V
CC ≤ 3.60
1.5
5
9.2
1.0
10.7
CIN
Input Capacitance
0
2.0
pF
COUT
Output Capacitance
0
4.0
pF
CPD
Power Dissipation
0.9 to 3.60
8
pF
VI = 0V or VCC,
Capacitance
f
= 10 MHz


Similar Part No. - NC7WP04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WP00 FAIRCHILD-NC7WP00 Datasheet
192Kb / 9P
   TinyLogic ULP Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WP00 ONSEMI-NC7WP00 Datasheet
292Kb / 11P
   ULP Dual 2-Input NAND Gate
Revised January 2005
NC7WP00 ONSEMI-NC7WP00 Datasheet
533Kb / 9P
   TinyLogic ULP-A Dual 2-Input NAND Gate
February, 2021 - Rev. 1
logo
Fairchild Semiconductor
NC7WP00K8X FAIRCHILD-NC7WP00K8X Datasheet
192Kb / 9P
   TinyLogic ULP Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WP00K8X ONSEMI-NC7WP00K8X Datasheet
292Kb / 11P
   ULP Dual 2-Input NAND Gate
Revised January 2005
More results

Similar Description - NC7WP04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WP14 ONSEMI-NC7WP14 Datasheet
289Kb / 11P
   TinyLogic ULP Dual Inverter
Revised March 2004
logo
Fairchild Semiconductor
NC7WV04 FAIRCHILD-NC7WV04 Datasheet
181Kb / 9P
   TinyLogic ULP-A Dual Inverter
logo
ON Semiconductor
NC7WV14 ONSEMI-NC7WV14 Datasheet
354Kb / 14P
   TinyLogic ULP-A Dual Inverter
June 2008 Rev. 1.0.0
NC7WV04 ONSEMI-NC7WV04 Datasheet
289Kb / 11P
   TinyLogic ULP-A Dual Inverter
Revised March 2004
NC7WV04 ONSEMI-NC7WV04_V01 Datasheet
344Kb / 10P
   TinyLogic ULP-A Dual Inverter
February, 2021 - Rev. 1
logo
Fairchild Semiconductor
NC7SP04 FAIRCHILD-NC7SP04_04 Datasheet
296Kb / 9P
   TinyLogic ULP Inverter
logo
ON Semiconductor
NC7SP05 ONSEMI-NC7SP05 Datasheet
383Kb / 11P
   TinyLogic ULP Inverter
Revised March 2004
logo
Fairchild Semiconductor
NC7SP04 FAIRCHILD-NC7SP04 Datasheet
306Kb / 9P
   TinyLogic ULP Inverter
NC7SPU04 FAIRCHILD-NC7SPU04_04 Datasheet
295Kb / 9P
   TinyLogic ULP Unbuffered Inverter
logo
ON Semiconductor
NC7SV04 ONSEMI-NC7SV04 Datasheet
590Kb / 13P
   TinyLogic ULP-A Inverter
November 2010 Rev. 1.0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com