Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88952LMGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88952LMGTR
Description  3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88952LMGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88952LMGTR Datasheet HTML 1Page - Micrel Semiconductor SY88952LMGTR Datasheet HTML 2Page - Micrel Semiconductor SY88952LMGTR Datasheet HTML 3Page - Micrel Semiconductor SY88952LMGTR Datasheet HTML 4Page - Micrel Semiconductor SY88952LMGTR Datasheet HTML 5Page - Micrel Semiconductor SY88952LMGTR Datasheet HTML 6Page - Micrel Semiconductor SY88952LMGTR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
SY88952L
Micrel, Inc.
M9999-082205
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (V
CC) ..................................... +0V to +7.0V
Input Voltage (V
IN) ............................................ +0V to VCC
Output Current (I
OUT) ............................................... 100mA
Lead Temperature (soldering, 10 sec.) ..................... 300
°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(2, 3)
Supply Voltage (V
CC) .................................. +3.0V to +3.6V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Junction Temperature (T
J) ........................................ 120°C
Package Thermal Resistance
MLF™
JA) still-air ..................................................... 34°C/W
JB) still-air ..................................................... 19°C/W
V
CC = 3.0V to 3.6V; VEE = GND; RLOAD = 5Ω; TA = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICC
Supply Current
Note 4
85
mA
IBIAS
Bias Current Range
Note 5
1
100
mA
IMOD
Modulation Current Range
Note 5
190
mA
IMOD_OFF
Modulation Off Current
Note 6
750
µA
VID
Differential Input Voltage
200
1600
mV
PP
VICMR
Common Mode Range
V
CC –1.49
V
CC –VID/4
V
VIH
TTL Input HIGH Voltage
2.0
V
CC
V
VIL
TTL Input LOW Voltage
0.8
V
VOL
/FAIL Output LOW Voltage
Note 6
0.5
V
IOH
/FAIL Output Leakage Current
Note 7
100
µA
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng
conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Devices are ESD sensitive. Handling precautions recommended.
4. Excluding actual IBIAS and IMOD output currents.
5. Voltage at Q, /Q must not drop below VCC –1.5V. Voltage BIAS, MODMON and BIASMON must not drop below VCC –2V.
6. EN = LOW.
7. IOL = +2mA.
8. VOH = 3.6V.
DC ELECTRICAL CHARACTERISTICS


Similar Part No. - SY88952LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
More results

Similar Description - SY88952LMGTR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
logo
Vitesse Semiconductor C...
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
logo
Micrel Semiconductor
SY88912L MICREL-SY88912L Datasheet
47Kb / 5P
   3.3V 3.2Gbps SONET/SDH LASER DRIVER
SY88932L MICREL-SY88932L_10 Datasheet
171Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver
SY88932L MICREL-SY88932L_08 Datasheet
196Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver with Output Disable
SY88932L MICREL-SY88932L Datasheet
49Kb / 5P
   3.3V 3.2Gbps SONET/SDH LASER DRIVER WITH OUTPUT DISABLE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com