Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC3132-4A Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC3132-4A
Description  Flyback Power Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3132-4A Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC3132-4A Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Flyback Power Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EPC3132-XA
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3132-XA
Rev. -
3/1/05 FT
Voltage
(Vdc)
Primary
OCL
(µH ± 10%)
2000
1900
1400
2550
1360
2400
2400
1900
@ 10 KHz,
0.1 Vrms
TNY264P (132 KHz)
TNY264P(132 KHz)
TOP221P (100 KHz)
LNK501 (42 KHz)
LNK501 (42 KHz)
TNY264P (132 KHz)
TNY264P (132 KHz)
TNY264P (132 KHz)
Chipset
120-375
120-375
120-375
120-375
120-375
120-375
120-375
120-375
V in
Pin 1-3
9
5
5.1
5.5
5.5
5.2
5.2
3.3
V out
1
Current
(Amp.)
• Note : “N” means Not Required/No Connections • Marking : Mark on top or side •
PCA
Part
Number
EPC3132-1A
EPC3132-2A
EPC3132-3A
*EPC3132-4A
*EPC3132-5A
*EPC3132-6A
EPC3132-7A
EPC3132-8A
N
N
N
N
N
10.5
12.0
N
V out
2
N
12
N
N
N
N
N
12
V out
3
.330
.600
.100
.500
.273
.600
.600
.600
Sec.
1
N
N
N
N
N
.015
.015
N
Sec.
2
N
.05
N
N
N
N
N
.05
Sec.
3
Dielectric Rating (Vdc)
Between Sec. Wdg’s to Core
1 sec. 4500 or 60 sec. 3750
Pri. to all Sec. Wdg’s
1 sec. 4500 or 60 sec. 3750
Between Pri. Wdg & Bias
Schematic
2
3
4
5
V in Pri.
(Pin 1-3)
Sec. 3
(Fb/Bias)
6
7
8
10
Sec. 1
Sec. 2
Pin #2 is not connected in circuit
Pin #9 is omitted
1
1 sec. 1500 or 60 sec. 1000
• Used in SMPS Flyback Topology
• Designed for use with Power Integration Chip
• Reinforced Insulation (Triple Insulated Wire)
• UL 94V-0 Recognized Components
• UL 1446 Class F Insulation System
• Very Low Core Loss
• Switching Frequency : 132 KHz/100 KHz/42 KHz • Isolation : 3750 Vdc • *Copper Flux Band : is connected to Pin #3 •
Package
Mark on Top :
PCA
EPC3132-XA
Date Code
.570
(14.48)
.488
(12.40)
.177 ± .039
(4.50 ± 1.00)
.024
(.600)
.098
(2.50)
.338
(8.60)
.394
(10.00)
.484
(12.30)
.098
(2.50)
.051
(1.30)
.394
(10.00)
.338
(8.60)
1
6
10
5
Pin 1
I.D.
15
6
10
.201 (5.10)


Similar Part No. - EPC3132-4A

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3132-4A PCA-EPC3132-4A Datasheet
45Kb / 1P
   Flyback Power Transformer
More results

Similar Description - EPC3132-4A

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3127-X PCA-EPC3127-X_07 Datasheet
26Kb / 1P
   Flyback Power Transformer
EPC3127-X PCA-EPC3127-X Datasheet
46Kb / 1P
   Flyback Power Transformer
EPC3130-X PCA-EPC3130-X_15 Datasheet
25Kb / 1P
   Flyback Power Transformer
EPC3169-3 PCA-EPC3169-3 Datasheet
45Kb / 1P
   Flyback Power Transformer
EPC3166-X PCA-EPC3166-X_15 Datasheet
46Kb / 1P
   Flyback Power Transformer
EPC3169-X PCA-EPC3169-X_15 Datasheet
45Kb / 1P
   Flyback Power Transformer
EPC3129-X PCA-EPC3129-X Datasheet
39Kb / 1P
   Flyback Power Transformer
EPC3132-XA PCA-EPC3132-XA_15 Datasheet
45Kb / 1P
   Flyback Power Transformer
EPC3168G-X PCA-EPC3168G-X_15 Datasheet
27Kb / 1P
   Flyback Power Transformer
EPC3168G-1 PCA-EPC3168G-1 Datasheet
27Kb / 1P
   Flyback Power Transformer
EPC3130-X PCA-EPC3130-X_08 Datasheet
25Kb / 1P
   Flyback Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com