Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80C652IBPN Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P80C652IBPN
Description  CMOS single-chip 8-bit microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C652IBPN Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P80C652IBPN Datasheet HTML 7Page - NXP Semiconductors P80C652IBPN Datasheet HTML 8Page - NXP Semiconductors P80C652IBPN Datasheet HTML 9Page - NXP Semiconductors P80C652IBPN Datasheet HTML 10Page - NXP Semiconductors P80C652IBPN Datasheet HTML 11Page - NXP Semiconductors P80C652IBPN Datasheet HTML 12Page - NXP Semiconductors P80C652IBPN Datasheet HTML 13Page - NXP Semiconductors P80C652IBPN Datasheet HTML 14Page - NXP Semiconductors P80C652IBPN Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Philips Semiconductors
Product specification
83C654
CMOS single-chip 8-bit microcontroller
1998 Jan 06
11
7. Pins of ports 1 , 2, and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2V.
8. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and ports 1 and 3. The noise is due
to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100pF), the noise pulse on the ALE pin may exceed 0.8V. In such cases, it may be desirable to qualify
ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input.
9. Under steady state (non-transient) conditions, IOL must be externally limited as follows: Maximum IOL = 10mA per port pin; Maximum
IOL = 26mA total for Port 0; Maximum IOL = 15mA total for Ports 1, 2, and 3; Maximum IOL = 71mA total for all output pins. If IOL exceeds the
test conditions, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test conditions.
10. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 0.9VDD specification when the
address bits are stabilizing.
11. IDDMAX for other frequencies can be derived from Figure 1, where FREQ is the external oscillator frequency in MHz. IDDMAX is given in mA.
40
30
20
10
0
04
8
12
16
(1) MAXIMUM OPERATING MODE: VDD = VDDmax
(2) MAXIMUM IDLE MODE: VDD = VDDmax
fXTAL1 (MHz)
IDD
(mA)
Figure 1. IDD vs. Frequency
40
30
20
10
0
0
4
812
16
(2)
(1)
24
50
IDD
(mA)
fXTAL1 (MHz)
These values are valid within the specified
frequency range.
(1) MAXIMUM OPERATING MODE: VDD = VDDmax
(2) MAXIMUM IDLE MODE: VDD = VDDmax
These values are valid within the specified
frequency range.
(1)
(2)


Similar Part No. - P80C652IBPN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C652IBPN PHILIPS-P80C652IBPN Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
P80C652IBPN PHILIPS-P80C652IBPN Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
P80C652IBPN NXP-P80C652IBPN Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
More results

Similar Description - P80C652IBPN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com