Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC3246-15 Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPC3246-15
Description  PFC Boost Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3246-15 Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPC3246-15 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPC3246-15 Datasheet HTML 2Page - PCA ELECTRONICS INC. EPC3246-15 Datasheet HTML 3Page - PCA ELECTRONICS INC. EPC3246-15 Datasheet HTML 4Page - PCA ELECTRONICS INC. EPC3246-15 Datasheet HTML 5Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
E L E C T R O N I C S I N C .
PFC Boost Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EPC3246-XX
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3246-XXb
Rev. 2
8/17/05 FT
Package B
.200
(5.08)
.846
(21.50)
.815
(20.70)
Mark on Top :
PCA
EPC3246-2
D.C.
.394
(10.00)
.512
(13.00)
.025 Sq.
(.640)
.394
(10.00)
.200 (5.08)
Hole Layout
1
6
3
4
.051 Ø
(1.30)
385 Vdc V Out
(90% Duty Cycle)
{85-265 Vac Input}
Schematic 2
1
2
4
Shield
6
5
20V (.15A)
1:0.052
Package C
.200
(5.08)
1
6
7
8
9
10
5
4
2
Bottom View
Leads : .025 Sq. (10 Places)
3
1.25
Max.
(31.75)
1.00
(25.40)
.114 (2.89)
PCA EPC3246-3
Date Code
Pin 1
I.D.
1.25 Max.
(31.75)
.810
Max.
(20.57)
.031 Ø
(.800)
385 Vdc V Out
(90% Duty Cycle)
{85-265 Vac Input}
Schematic 3
20V (.15A)
1
3
6
Shield
10
9
1:0.052
1.00
(25.40)
.200
(5.08)
.800
(20.32)
Top View
Suggested
Layout
10
5
4
3
2
1
6
7
9
8


Similar Part No. - EPC3246-15

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3246-15 PCA-EPC3246-15 Datasheet
126Kb / 5P
   PFC Boost Inductor
More results

Similar Description - EPC3246-15

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3245-XX PCA-EPC3245-XX Datasheet
113Kb / 5P
   PFC Boost Inductor
logo
Coilcraft lnc.
FA2890-AL COILCRAFT-FA2890-AL Datasheet
144Kb / 1P
   PFC Boost Inductor
FA2890 COILCRAFT-FA2890_13 Datasheet
180Kb / 1P
   PFC Boost Inductor
logo
PCA ELECTRONICS INC.
EPC3246-XX PCA-EPC3246-XX_15 Datasheet
126Kb / 5P
   PFC Boost Inductor
logo
Cooper Bussmann, Inc.
CTX16-17309 COOPER-CTX16-17309 Datasheet
200Kb / 1P
   INDUCTOR, BOOST PFC
CTX16-17769-R COOPER-CTX16-17769-R Datasheet
219Kb / 1P
   INDUCTOR, BOOST PFC
logo
Coilcraft lnc.
JA4224 COILCRAFT-JA4224 Datasheet
150Kb / 1P
   PFC Boost Inductor
JA4224-AL COILCRAFT-JA4224-AL Datasheet
163Kb / 1P
   PFC Boost Inductor
GA2972-ALD COILCRAFT-GA2972-ALD Datasheet
150Kb / 2P
   SMT PFC Boost Inductor
logo
XFMRS Inc.
XF3306-VO XFMRS-XF3306-VO Datasheet
36Kb / 1P
   330UF PFC BOOST INDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com