Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2771G Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 2771G
Description  HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2771G Datasheet(HTML) 2 Page - Bel Fuse Inc.

  2771G Datasheet HTML 1Page - Bel Fuse Inc. 2771G Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
198 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite F23, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2001 Bel Fuse Inc. Specifications subject to change without notice. 02.01
TM01102
page 2
HIGH FREQUENCY MAGNETICS
T1/E1 Surface Mount Transformer
MECHANICAL
2771G
NOTE: Unless otherwise specified, dimensions are nominal and in inches (millimeters).
0.590 (15.0)
MAX
0.430
(10.92)
MAX
0.495
(12.57)
MAX
0.160 (4.06)
REF
0.120 (3.05)
REF
TERMINAL 1
IDENTIFIER
0.395
(10.03)
MAX
0.100 (2.54)
0.024 (0.061)
(PHOSPHOR BRONZE,
SOLDER COASTED)
0.004 (0.10)
8 EDGES
COMPONENT
CENTER
0.008 (0.203)
2 PLACES
0.045
(1.14)
0.120 (3.05)
0.255
(6.48)


Similar Part No. - 2771G

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2771 KR-2771 Datasheet
48Kb / 2P
   Bandpass Filter
logo
Heyco.
2771 HEYCO-2771 Datasheet
141Kb / 1P
   Glossy and Thick Panel Glossy Plugs
logo
KR Electronics, Inc.
2771-SMA KR-2771-SMA Datasheet
77Kb / 3P
   140 MHz Bandpass Filter
logo
PHOENIX CONTACT
2771007 PHOENIX-2771007 Datasheet
143Kb / 6P
   UKKB 10/2,5
2771010 PHOENIX-2771010 Datasheet
149Kb / 6P
   UKKB 3
More results

Similar Description - 2771G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-6500-96 BEL-S553-6500-96 Datasheet
54Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
S553-6500-C9 BEL-S553-6500-C9 Datasheet
69Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
S553-6500-B1 BEL-S553-6500-B1 Datasheet
67Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
2771H BEL-2771H Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual Ratio Surface Mount Transformer
2771F BEL-2771F Datasheet
41Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual-Output Surface Mount Transformer
2779B BEL-2779B Datasheet
54Kb / 2P
   HIGH FREQUECY MAGNETICS T1/E1 Surface Mount Transformer
2779H BEL-2779H Datasheet
56Kb / 2P
   HIGH FREQUECY MAGNETICS T1/E1 Surface Mount Transformer
2771B BEL-2771B Datasheet
52Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Transformers
S553-6500-A6 BEL-S553-6500-A6 Datasheet
34Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual Transformer
S553-6500-A5 BEL-S553-6500-A5 Datasheet
65Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com