Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S87C652-5B44 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # S87C652-5B44
Description  CMOS single-chip 8-bit microcontrollers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S87C652-5B44 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button S87C652-5B44 Datasheet HTML 6Page - NXP Semiconductors S87C652-5B44 Datasheet HTML 7Page - NXP Semiconductors S87C652-5B44 Datasheet HTML 8Page - NXP Semiconductors S87C652-5B44 Datasheet HTML 9Page - NXP Semiconductors S87C652-5B44 Datasheet HTML 10Page - NXP Semiconductors S87C652-5B44 Datasheet HTML 11Page - NXP Semiconductors S87C652-5B44 Datasheet HTML 12Page - NXP Semiconductors S87C652-5B44 Datasheet HTML 13Page - NXP Semiconductors S87C652-5B44 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Phlips Semiconductors
Product specification
80C652/83C652
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
10
ABSOLUTE MAXIMUM RATINGS1, 2, 3
PARAMETER
RATING
UNIT
Storage temperature range
–65 to +150
°C
Voltage on any other pin to VSS
–0.5 to + 6.5
V
Input, output current on any single pin
±5
mA
Power dissipation (based on package heat transfer
limitations, not device power consumption)
1
W
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any conditions other than those described in the AC and DC Electrical
Characteristics section of this specification is not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices
from the damaging effects of excessive static charge. Nonetheless, it is suggested that
conventional precautions be taken to avoid applying greater than the rated maxima.
3. Parameters are valid over operating temperature range unless otherwise specified. All
voltages are with respect to VSS unless otherwise noted.
DEVICE SPECIFICATIONS
TYPE
SUPPLY VOLTAGE
(V)
FREQUENCY
(MHz)
TEMPERATURE
RANGE
(
°C)
TYPE
MIN.
MAX.
MIN.
MAX.
RANGE
(
°C)
P8XC652FBx
4.0
6.0
1.2
16
0 to +70
P8XC652FFx
4.0
6.0
1.2
16
–40 to +85
P8XC652FHx
4.5
5.5
1.2
16
–40 to +125
P8XC652IBx
4.5
5.5
1.2
24
0 to +70
P83X652IFx
4.5
5.5
1.2
24
–40 to +85


Similar Part No. - S87C652-5B44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S87C652-5B44 PHILIPS-S87C652-5B44 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
S87C652-5B44 NXP-S87C652-5B44 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
More results

Similar Description - S87C652-5B44

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
80C32 PHILIPS-80C32 Datasheet
663Kb / 62P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com