Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC3248G-6-LF Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPC3248G-6-LF
Description  Power over Ethernet (PoE/PD) Flyback Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3248G-6-LF Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPC3248G-6-LF Datasheet HTML 1Page - PCA ELECTRONICS INC. EPC3248G-6-LF Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E L E C T R O N I C S I N C .
Power Over Ethernet (PoE/PD)
Flyback Transform
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EPC3248G-X & EPC3248G-X-LF
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3248G-X & -LFb
Rev. 3
9/26/05 FT
Package ER9.5
Pin 1
I.D.
.235
Max.
(6.00)
.455
(11.55)
0°-8°
.028
(.725)
.010
(.254)
Solder Pad
Layout
.495
(12.57)
.079
(2.00)
.063
(1.60)
.063
(1.60)
.079
(2.00)
.028
(.700)
.006
(.150)
.417
Max.
(10.60)
.236
(6.00)
8
5
4
1
.319
(8.10)
Marking :
PCA
EPC3248G-X
D.C.
Package ER14.5
.394
(10.00)
.630
(16.00)
0°-8°
.028
(.700)
.021
(.305)
Solder Pad
Layout
.670
(17.02)
.098
(2.50)
.067
(1.70)
.067
(1.70)
.295
(7.50)
.098
(2.50)
.028
(.700)
.014 Max.
(.350)
Marking :
PCA
EPC3248G-X
Date Code
.571
(15.50)
Pin 1 I.D.
10
6
5
1
Pin 1
I.D.
.244
Max.
(6.20)
.480
(12.20)
0°-8°
.024
(.600)
.010
(.254)
Solder Pad
Layout
.520
(13.20)
.079
(2.00)
.063
(1.60)
.063
(1.60)
.079
(2.00)
.028
(.700)
.008
(.200)
.457
Max.
(11.60)
.315
(8.00)
10
6
5
1
.362
(9.20)
Glue to
Bobbin
PCA
EPC3248G-X
D.C.
Package ER11
Package EFD20
(Reserved for Class 4 PoEP)
.591
(15.00)
.118
(3.00)
.854 Max.
(21.70)
.835 Max.
(21.20)
Pin 1
I.D.
1
12
6
7
.028
(.700)
Side Marking :
PCA
EPC3248G-X
D.C.
1.055
(26.80)
.080
(2.03)
0°-8°
.010
(.250)
.425 Max.
(10.80)
.016
(.400)
.118
(3.00)
1.094
(28.60)
1
12
6
7
.138
(3.50)


Similar Part No. - EPC3248G-6-LF

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3248G-6 PCA-EPC3248G-6 Datasheet
151Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
EPC3248G-6 PCA-EPC3248G-6 Datasheet
151Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
EPC3248G-6 PCA-EPC3248G-6 Datasheet
151Kb / 2P
   Power over Ethernet Flyback Transformer
More results

Similar Description - EPC3248G-6-LF

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3248G-X PCA-EPC3248G-X_11 Datasheet
151Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
EPC3248G-1 PCA-EPC3248G-1_11 Datasheet
151Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
EPC3248G-X-LF PCA-EPC3248G-X-LF_15 Datasheet
151Kb / 2P
   Power over Ethernet Flyback Transformer
logo
Wurth Elektronik GmbH &...
7491199212 WURTH-7491199212 Datasheet
115Kb / 3P
   POWER OVER ETHERNET-TRANSFORMER WE-PoE
750319032 WURTH-750319032 Datasheet
480Kb / 6P
   WE-PoE Power over Ethernet Transformer
001.000
7491199501 WURTH-7491199501 Datasheet
115Kb / 3P
   POWER OVER ETHERNET-TRANSFORMER WE-PoE
750032173 WURTH-750032173 Datasheet
524Kb / 7P
   WE-PoE Power over Ethernet Transformer
003.001
750310019 WURTH-750310019 Datasheet
546Kb / 7P
   WE-PoE Power over Ethernet Transformer
004.001
750310027 WURTH-750310027 Datasheet
524Kb / 7P
   WE-PoE Power over Ethernet Transformer
002.001
750313109 WURTH-750313109 Datasheet
551Kb / 7P
   WE-PoE Power over Ethernet Transformer
002.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com