Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC3248G-15-LF Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC3248G-15-LF
Description  Power over Ethernet (PoE/PD) Flyback Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3248G-15-LF Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC3248G-15-LF Datasheet HTML 1Page - PCA ELECTRONICS INC. EPC3248G-15-LF Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E L E C T R O N I C S I N C .
Power over Ethernet (PoE/PD)
Flyback Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used in SMPS DC/DC Converter as a Flyback
Transformer in PoE/Powered Devices (PD)
• Switching Frequency : 300 KHz to 400 KHz
• Add “-LF” after part number for Lead Free
* 40 % Duty Cycle Typ. @ 48 V Input
• UL 94V-0 Recognized Components
• UL 1446 Class B Insulation System
• Low Core Loss Material
EPC3248G-X & EPC3248G-X-LF
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3248G-X & -LFa
Rev. 3
9/26/05 FT
Electrical Specifications @ 25°C
PoE
Class
0
0
0
1
1
1
2
2
2
3
3
3
4(PoEP)
4(PoEP)
4(PoEP)
Current
(Amp.)
Part
Number
EPC3248G-1
EPC3248G-2
EPC3248G-3
EPC3248G-4
EPC3248G-5
EPC3248G-6
EPC3248G-7
EPC3248G-8
EPC3248G-9
EPC3248G-10
EPC3248G-11
EPC3248G-12
EPC3248G-13
EPC3248G-14
EPC3248G-15
Chipset
DPA425
DPA425
DPA425
DPA423
DPA423
DPA423
DPA424
DPA424
DPA424
DPA424/5
DPA424/5
DPA424/5
DPA426
DPA426
DPA426
PD
Power
(Watts)
ER14.5
ER14.5
ER14.5
ER9.5
ER9.5
ER9.5
ER11
ER11
ER11
ER14.5
ER14.5
ER14.5
EFD20
EFD20
EFD20
Package
Type
1
1
1
2
2
2
1
1
1
1
1
1
3
3
3
Schematic
Default
Default
Default
Optional
Optional
Optional
Optional
Optional
Optional
Optional
Optional
Optional
Reserved
Reserved
Reserved
Class
Usage
Notes :
1. Assembly Process (Solder Composition)
2. Peak Solder Rating
(per IPC/JEDEC-J-STD-020C)
4. Weight
5. Packaging Information
(Tube)
EPC3248-X
SnPb
225°C
TBD grams
TBD pcs / tube
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC-J-STD-020C)
1
(Unlimited,
≤30°C/60%RH)
EPC3248-X-LF
Pb-Free
260°C
TBD grams
TBD pcs / tube
1
(Unlimited,
≤30°C/60%RH)
Primary OCL
(µH ± 10%)
@ 300 KHz,
0.1 Vrms
120
120
120
200
200
200
120
120
120
120
120
120
25
25
25
12.95
12.95
12.95
3.84
3.84
3.84
6.49
6.49
6.49
12.95
12.95
12.95
Max.
0.44
0.44
0.44
0.44
0.44
0.44
3.84
3.84
3.84
6.49
6.49
6.49
Min.
Voltage
(Vdc)
.050
.050
.050
.050
.050
.050
.050
.050
.050
.050
.050
.050
.050
.050
.050
Fb
Bias
3.92
2.59
1.08
1.16
0.77
0.32
1.97
1.30
0.54
3.92
2.59
1.08
12.12
8.0
3.33
Sec 1
13.2
13.33
12.0
13.2
13.33
12.0
13.2
13.0
12.0
13.2
13.2
12.0
13.2
13.2
12.0
Fb
Bias
36-57
36-57
36-57
36-57
36-57
36-57
36-57
36-57
36-57
36-57
36-57
36-57
36-57
36-57
36-57
V In
3.3
5.0
12.0
3.3
5.0
12.0
3.3
5.0
12.0
3.3
5.0
12.0
3.3
5.0
12.0
V Out
• Isolation : Pri., Bias to Sec. ; 1500 Vrms • Isolation : Pri. to Bias ; 500 Vrms •
Note :
1. Input Pins : Pins 1 & 3
2. Connect Pins 9,10 and 6,7 in
user board for higher power
Schematic 1
V In (Pins 1-3)
[36-57 Vdc]
10
5
2
1
9
7
6
3
4
Sec. 1
Fb/Bias
[13.2 V/0.05 A]
Note :
1. Input Pins : Pins 1 & 3
2. Connect Pins 12,11,10 and 9,8,7
in user board for higher power
Schematic 3
(Reserved for Class 4 PoEP)
V In (Pins 1-3)
[36-57 Vdc]
11
6
2
1
10
8
7
3
5
Sec. 1
Fb/Bias
[13.2 V/0.05 A]
9
12
Reserved
Reserved
Reserved
Note : Class 4 is currently reserved for Power over Ethernet Plus (PoEP) and should not be used at this time.
Note :
1. Input Pins : Pins 1 & 2
2. Connect Pins 8,7 and 5,6 in
user board for higher power
Schematic 2
V In
[36-57 Vdc]
8
4
2
1
7
6
5
3
Sec. 1
Fb/Bias
[13.2 V/0.05 A]


Similar Part No. - EPC3248G-15-LF

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3248G-15 PCA-EPC3248G-15 Datasheet
151Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
EPC3248G-15 PCA-EPC3248G-15 Datasheet
151Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
EPC3248G-15 PCA-EPC3248G-15 Datasheet
151Kb / 2P
   Power over Ethernet Flyback Transformer
More results

Similar Description - EPC3248G-15-LF

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3248G-X PCA-EPC3248G-X_11 Datasheet
151Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
EPC3248G-1 PCA-EPC3248G-1_11 Datasheet
151Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
EPC3248G-X-LF PCA-EPC3248G-X-LF_15 Datasheet
151Kb / 2P
   Power over Ethernet Flyback Transformer
logo
Wurth Elektronik GmbH &...
7491199212 WURTH-7491199212 Datasheet
115Kb / 3P
   POWER OVER ETHERNET-TRANSFORMER WE-PoE
750319032 WURTH-750319032 Datasheet
480Kb / 6P
   WE-PoE Power over Ethernet Transformer
001.000
7491199501 WURTH-7491199501 Datasheet
115Kb / 3P
   POWER OVER ETHERNET-TRANSFORMER WE-PoE
750032173 WURTH-750032173 Datasheet
524Kb / 7P
   WE-PoE Power over Ethernet Transformer
003.001
750310019 WURTH-750310019 Datasheet
546Kb / 7P
   WE-PoE Power over Ethernet Transformer
004.001
750310027 WURTH-750310027 Datasheet
524Kb / 7P
   WE-PoE Power over Ethernet Transformer
002.001
750313109 WURTH-750313109 Datasheet
551Kb / 7P
   WE-PoE Power over Ethernet Transformer
002.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com