Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S80C652IBBB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # S80C652IBBB
Description  CMOS single-chip 8-bit microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S80C652IBBB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button S80C652IBBB Datasheet HTML 5Page - NXP Semiconductors S80C652IBBB Datasheet HTML 6Page - NXP Semiconductors S80C652IBBB Datasheet HTML 7Page - NXP Semiconductors S80C652IBBB Datasheet HTML 8Page - NXP Semiconductors S80C652IBBB Datasheet HTML 9Page - NXP Semiconductors S80C652IBBB Datasheet HTML 10Page - NXP Semiconductors S80C652IBBB Datasheet HTML 11Page - NXP Semiconductors S80C652IBBB Datasheet HTML 12Page - NXP Semiconductors S80C652IBBB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Philips Semiconductors
Product specification
87C654
CMOS single-chip 8-bit microcontroller
1996 Aug 16
9
OSCILLATOR
CHARACTERISTICS
XTAL1 and XTAL2 are the input and output,
respectively, of an inverting amplifier. The
pins can be configured for use as an on-chip
oscillator, as shown in the Logic Symbol.
To drive the device from an external clock
source, XTAL1 should be driven while XTAL2
is left unconnected. There are no
requirements on the duty cycle of the
external clock signal, because the input to
the internal clock circuitry is through a
divide-by-two flip-flop. However, minimum
and maximum high and low times specified in
the data sheet must be observed.
Reset
A reset is accomplished by holding the RST
pin high for at least two machine cycles (24
oscillator periods), while the oscillator is
running. To insure a good power-on reset, the
RST pin must be high long enough to allow
the oscillator time to start up (normally a few
milliseconds) plus two machine cycles. At
power-on, the voltage on VCC and RST must
come up at the same time for a proper
start-up.
Idle Mode
In the idle mode, the CPU puts itself to sleep
while all of the on-chip peripherals stay
active. The instruction to invoke the idle
mode is the last instruction executed in the
normal operating mode before the idle mode
is activated. The CPU contents, the on-chip
RAM, and all of the special function registers
remain intact during this mode. The idle
mode can be terminated either by any
enabled interrupt (at which time the process
is picked up at the interrupt service routine
and continued), or by a hardware reset which
starts the processor in the same manner as a
power-on reset.
Power-Down Mode
In the power-down mode, the oscillator is
stopped and the instruction to invoke
power-down is the last instruction executed.
Only the contents of the on-chip RAM are
preserved. A hardware reset is the only way
to terminate the power-down mode. The
control bits for the reduced power modes are
in the special function register PCON. Table 2
shows the state of the I/O ports during low
current operating modes.
I2C SERIAL
COMMUNICATION—SIO1
The I2C serial port is identical to the I2C
serial port on the 8XC552. The operation of
this subsystem is described in detail in the
8XC552 section of this manual.
Note that in both the 8XC652/4 and the
8XC552 the I2C pins are alternate functions
to port pins P1.6 and P1.7. Because of this,
P1.6 and P1.7 on these parts do not have a
pull-up structure as found on the 80C51.
Therefore P1.6 and P1.7 have open drain
outputs on the 8XC652/4.
Table 2. External Pin Status During Idle and Power-Down Mode
MODE
PROGRAM
MEMORY
ALE
PSEN
PORT 0
PORT 1
PORT 2
PORT 3
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power-down
Internal
0
0
Data
Data
Data
Data
Power-down
External
0
0
Float
Data
Data
Data
Serial Control Register (S1CON) – See Table 3
S1CON (D8H)
CR2
ENS1
STA
STO
SI
AA
CR1
CR0
Bits CR0, CR1 and CR2 determine the serial clock frequency that is generated in the master mode of operation.
Table 3. Serial Clock Rates
BIT FREQUENCY (kHz) AT fOSC
CR2
CR1
CR0
6MHz
12MHz
16MHz
20MHz
fOSC DIVIDED BY
0
0
0
23
47
62.5
78
256
0
0
1
27
54
71
891
224
0
1
0
31.25
62.5
83.3
1041
192
0
1
1
37
75
100
1251
160
1
0
0
6.25
12.5
17
21
960
1
0
1
50
100
1331
1661
120
1
1
0
100
2001
2671
3341
60
1
1
1
0.25 < 62.5
0 to 255
0.5 < 62.5
0 to 254
0.65 < 55.6
0 to 253
0.81 < 69.4
0 to 253
96
× (256 – (reload value Timer 1))
(Reload value range: 0 – 254 in mode 2)
NOTES:
1. These frequencies exceed the upper limit of 100kHz of the I2C-bus specification and cannot be used in an I2C-bus application.


Similar Part No. - S80C652IBBB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
S80C186 AMD-S80C186 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
S80C186-12 AMD-S80C186-12 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
S80C186-16 AMD-S80C186-16 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
S80C186-20 AMD-S80C186-20 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
S80C186-25 AMD-S80C186-25 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
More results

Similar Description - S80C652IBBB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com