Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S553-6500-40 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # S553-6500-40
Description  HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S553-6500-40 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  S553-6500-40 Datasheet HTML 1Page - Bel Fuse Inc. S553-6500-40 Datasheet HTML 2Page - Bel Fuse Inc. S553-6500-40 Datasheet HTML 3Page - Bel Fuse Inc. S553-6500-40 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 06.01
TM00132
HIGH FREQUENCY MAGNETICS
T1/E1 Octal Transformer Modules
T1-74
S553-6500-61
SCHEMATICS
S553-6500-66
S553-6500-69
1
2
3
4
6
7
8
9
11
12
13
14
16
17
18
19
RXO-
RXO+
TXIN-
TXIN+
RXO-
RXO+
TXIN-
TXIN+
RXO-
RXO+
TXIN-
TXIN+
RXO-
RXO+
TXIN-
TXIN+
RXIN-
RXIN+
TXO-
TXO+
40
39
38
37
35
34
33
32
30
29
28
27
25
24
23
22
RXIN-
RXIN+
TXO-
TXO+
RXIN-
RXIN+
TXO-
TXO+
RXIN-
RXIN+
TXO-
TXO+
1 : 1.41
1 : 1.41
1 : 1.41
1 : 1.41
1.41 : 1
1.41 : 1
1.41 : 1
1.41 : 1
1
2
3
4
6
7
8
9
11
12
13
14
16
17
18
19
RXO-
RXO+
TXIN-
TXIN+
RXO-
RXO+
TXIN-
TXIN+
RXO-
RXO+
TXIN-
TXIN+
RXO-
RXO+
TXIN-
TXIN+
RXIN-
RXIN+
TXO-
TXO+
40
39
38
37
35
34
33
32
30
29
28
27
25
24
23
22
RXIN-
RXIN+
TXO-
TXO+
RXIN-
RXIN+
TXO-
TXO+
RXIN-
RXIN+
TXO-
TXO+
1 : 2.42
1 : 2.42
1 : 2.42
1 : 2.42
1 : 2.42
1 : 2.42
1 : 2.42
1 : 2.42
1
2
3
4
6
7
8
9
11
12
13
14
16
17
18
19
RXO-
RXO+
TXIN-
TXIN+
RXO-
RXO+
TXIN-
TXIN+
RXO-
RXO+
TXIN-
TXIN+
RXO-
RXO+
TXIN-
TXIN+
RXIN-
RXIN+
TXO-
TXO+
40
39
38
37
35
34
33
32
30
29
28
27
25
24
23
22
RXIN-
RXIN+
TXO-
TXO+
RXIN-
RXIN+
TXO-
TXO+
RXIN-
RXIN+
TXO-
TXO+
1.36CT : 1
1 : 2CT
5
10
15
20
21
26
31
36
TXOCT
TXOCT
TXOCT
TXOCT
RXOCT
RXOCT
RXOCT
RXOCT
1 : 2CT
1 : 2CT
1 : 2CT
1.36CT : 1
1.36CT : 1
1.36CT : 1
Octal transformer solutions for T1/E1 applications
including concentrators, channel banks and cellular
base stations
Octals utilize Bel’s popular 40-pin SMD package
Designed to meet the stringent demands of high density
designs
Minimum interwinding breakdown voltage of 1500 Vrms
Designed for UL1459/UL1950
For operating temperature range of -40° to +85° C,
OCL is 600µH minimum at -40° C


Similar Part No. - S553-6500-40

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-6500-41 BEL-S553-6500-41 Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
S553-6500-42 BEL-S553-6500-42 Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
S553-6500-45 BEL-S553-6500-45 Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
More results

Similar Description - S553-6500-40

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-6500-D4 BEL-S553-6500-D4 Datasheet
88Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules
S553-6500-E3 BEL-S553-6500-E3 Datasheet
89Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules
S553-6500-D1 BEL-S553-6500-D1 Datasheet
82Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules
S553-6500-A7 BEL-S553-6500-A7 Datasheet
105Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules
S553-6500-B8 BEL-S553-6500-B8 Datasheet
96Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules
S553-6500-E2 BEL-S553-6500-E2 Datasheet
104Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-D8 BEL-S553-6500-D8 Datasheet
101Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-F6 BEL-S553-6500-F6 Datasheet
72Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-F2 BEL-S553-6500-F2 Datasheet
115Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-D6 BEL-S553-6500-D6 Datasheet
105Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com