Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0553-0013-2J Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0553-0013-2J
Description  T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0553-0013-2J Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0553-0013-2J Datasheet HTML 1Page - Bel Fuse Inc. 0553-0013-2J Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: BelFuse@belfuse.com
Website: http://www.belfuse.com
defining a degree of excellence
T1CARRIERINTERFACETRANSFORMERS
T1/CEPT Telecom Line Interface Applications
TM0006
Bel provides transformer magnetics in several
package and schematic variations for T1/CEPT
Telecom Line Interface Applications. Bel's high
quality semi-automated processes provide
superior single small form, and standard dual
transformers.
* 2000 Vrms Isolation.
* Primary Inductance is 1.20mH
minimum.
* Primary DCR is 0.80 ohms
maximum.
* Custom designs available
upon request.
A553-0013-00
A553-0013-01
A553-0013-03
A553-0013-05
A553-0013-06
A553-0013-07
A553-0013-08
0553-0013-IC
0553-0013-AC
0553-0013-BC
0553-0013-HC
0553-0013-1J
0553-0013-2J
0553-0013-4J
0553-0013-RC
0553-0013-SC
0553-1167-00
0.80
1.8/0.80
0.80/0.80
0.80/0.80/1.8
1.8/1.8
0.80/1.8
0.80/1.8
0.80
0.80
0.80
1.8
1.8/1.8
1.8/0.80
1.8/0.8
0.80
0.80
0.80/1.8
16 Topper
14 Topper
14 Topper
14 Topper
14 Topper
14 Topper
14 Topper
6 "T" Topper
6 "T" Topper
6 "T" Topper
6 "T" Topper
14 DIL
14 DIL
14 DIL
6 "T" Topper
6 "T" Topper
14 DIL
A
B
C
C
C
C
C
E
F
G
K
C
D
B
G
E
C
Part
Number
Turns
Ratio
(+/- 5%)
Leakage
Inductance
L
L
(uH) Max
Coupling
Capacitance
C
ww
(pF) Max
Sec
DCR
(ohms)
Max
ELECTRICALS @ 25o C
#Pins
on
Package
and Style
0.80/0.50
0.80/0.50
0.80/0.50
0.50/0.50/0.80
0.80/0.80
0.50/0.80
0.80/0.80
0.50
0.50
0.50
0.80
0.80/0.80
0.80/0.80
0.80/0.50
0.50
0.80
0.50/0.60
35
35
35
50
35
35
35
35
35
35
35
35
35
35
35
35
35/40
Schem.
1:1.385CT/1:1:1
1CT:2CT/1:1
1:1.385CT/1:1CT
Pins (1-2):(14:12) 1:1
(1-3):(14:12) 1.25:1
(5-7):(10:8) 1:2CT
1:2CT/1:2CT
1:1.15CT/1:2CT
1:1:1.266/1:2CT
1:1:1
1:1
1CT:1
1CT:2CT
1:2CT/1:2CT
1:2CT/1:1.36
1CT:2CT/1:1
1:1.15CT
1:1:1.266
1:1:1.266/1:2CT
Schematic and Mechanical information for the above components
are located on the facing page.
T105


Similar Part No. - 0553-0013-2J

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0553-0013-2J BEL-0553-0013-2J Datasheet
34Kb / 2P
   T1/CEPT Dual Line Interface Transformers
More results

Similar Description - 0553-0013-2J

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-0013-00 BEL-S553-0013-00 Datasheet
78Kb / 1P
   SURFACE MOUNT T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
S553-0013-04 BEL-S553-0013-04 Datasheet
69Kb / 1P
   SURFACE MOUNT T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
logo
PCA ELECTRONICS INC.
EPR1541 PCA-EPR1541 Datasheet
47Kb / 1P
   T1/CEPT Line Interface Transformers
logo
Bel Fuse Inc.
0553-0013-1J BEL-0553-0013-1J Datasheet
34Kb / 2P
   T1/CEPT Dual Line Interface Transformers
logo
PCA ELECTRONICS INC.
EPA1064 PCA-EPA1064 Datasheet
126Kb / 1P
   T1/CEPT/ISDN-PRI Carrier Interface Transformers
EPA1071 PCA-EPA1071 Datasheet
91Kb / 1P
   T1/CEPT/ISDN-PRI Carrier Interface Transformers
logo
Bel Fuse Inc.
0553-6500-17 BEL-0553-6500-17 Datasheet
36Kb / 2P
   T1/CEPT Single Line Interface Transformers
logo
List of Unclassifed Man...
T-13811 ETC-T-13811 Datasheet
35Kb / 1P
   T1/CEPT Telecom Applications
logo
Rhombus Industries Inc.
T-13801 RHOMBUS-IND-T-13801 Datasheet
25Kb / 1P
   T1/CEPT Telecom Applications
logo
Allied Components Inter...
ATE-4207I ALLIED-ATE-4207I Datasheet
317Kb / 1P
   T1/E1/CEPT Line Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com