Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG659YRQ-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # ADG659YRQ-REEL
Description  3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG659YRQ-REEL Datasheet(HTML) 1 Page - Analog Devices

  ADG659YRQ-REEL Datasheet HTML 1Page - Analog Devices ADG659YRQ-REEL Datasheet HTML 2Page - Analog Devices ADG659YRQ-REEL Datasheet HTML 3Page - Analog Devices ADG659YRQ-REEL Datasheet HTML 4Page - Analog Devices ADG659YRQ-REEL Datasheet HTML 5Page - Analog Devices ADG659YRQ-REEL Datasheet HTML 6Page - Analog Devices ADG659YRQ-REEL Datasheet HTML 7Page - Analog Devices ADG659YRQ-REEL Datasheet HTML 8Page - Analog Devices ADG659YRQ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
+3 V/+5 V/±5 V CMOS 4- and 8-Channel
Analog Multiplexers
ADG658/ADG659
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
±2 V to ±6 V dual supply
2 V to 12 V single supply
Automotive temperature range −40°C to +125°C
<0.1 nA leakage currents
45 Ω on resistance over full signal range
Rail-to-rail switching operation
Single 8-to-1 multiplexer ADG658
Differential 4-to-1 multiplexer ADG659
16-lead LFCSP/TSSOP/QSOP packages
Typical power consumption <0.1 µW
TTL/CMOS compatible inputs
Package upgrades to 74HC4051/74HC4052 and
MAX4051/MAX4052/MAX4581/MAX4582
APPLICATIONS
Automotive applications
Automatic test equipment
Data acquisition systems
Battery-powered systems
Communication systems
Audio and video signal routing
Relay replacement
Sample-and-hold systems
Industrial control systems
GENERAL DESCRIPTION
The ADG658 and ADG659 are low voltage, CMOS analog
multiplexers comprised of eight single channels and four
differential channels, respectively. The ADG658 switches one of
eight inputs (S1–S8) to a common output, D, as determined by
the 3-bit binary address lines A0, A1, and A2. The ADG659
switches one of four differential inputs to a common differential
output, as determined by the 2-bit binary address lines A0 and
A1. An EN input on both devices is used to enable or disable
the device. When disabled, all channels are switched off.
These parts are designed on an enhanced process that provides
lower power dissipation yet gives high switching speeds. These
parts can operate equally well as either multiplexers or
demultiplexers and have an input range that extends to the
supplies. All channels exhibit break-before-make switching
action, preventing momentary shorting when switching
channels. All digital inputs have 0.8 V to 2.4 V logic thresholds,
ensuring TTL/CMOS logic compatibility when using single
+5 V or dual ±5 V supplies.
The ADG658 and ADG659 are available in 16-lead TSSOP/
QSOP packages and 16-lead 4 mm × 4 mm LFCSP packages.
PRODUCT HIGHLIGHTS
1. Single- and dual-supply operation.
The ADG658 and ADG659 offer high performance and are
fully specified and guaranteed with ±5 V, +5 V, and +3 V
supply rails.
2. Automotive temperature range −40°C to +125°C.
3. Low power consumption, typically <0.1 µW.
4. 16-lead 4 mm × 4 mm LFCSP packages, 16-lead TSSOP
package and 16-lead QSOP package.
FUNCTIONAL BLOCK DIAGRAM
S1
S8
S1A
S4B
S4A
D
DB
DA
A0
A1
EN
A0
A1
A2
1 OF 8
DECODER
1 OF 4
DECODER
SWITCHES SHOWN FOR A LOGIC 1 INPUT
ADG659
S1B
EN
ADG658
Figure 1.


Similar Part No. - ADG659YRQ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG659YRQ-REEL AD-ADG659YRQ-REEL Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG659YRQ-REEL7 AD-ADG659YRQ-REEL7 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
More results

Similar Description - ADG659YRQ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG658 AD-ADG658_09 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com