Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1210-02ST Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM1210-02ST
Description  1, 2, 4 and 8-Channel Very Low Capacitance ESD Protectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1210-02ST Datasheet(HTML) 7 Page - California Micro Devices Corp

Back Button CM1210-02ST Datasheet HTML 3Page - California Micro Devices Corp CM1210-02ST Datasheet HTML 4Page - California Micro Devices Corp CM1210-02ST Datasheet HTML 5Page - California Micro Devices Corp CM1210-02ST Datasheet HTML 6Page - California Micro Devices Corp CM1210-02ST Datasheet HTML 7Page - California Micro Devices Corp CM1210-02ST Datasheet HTML 8Page - California Micro Devices Corp CM1210-02ST Datasheet HTML 9Page - California Micro Devices Corp CM1210-02ST Datasheet HTML 10Page - California Micro Devices Corp CM1210-02ST Datasheet HTML 11Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
01/14/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
7
CM1210
Application Information
Design Considerations
In order to realize the maximum protection against
ESD pulses, care must be taken in the PCB layout to
minimize parasitic series inductances on the Supply/
Ground rails as well as the signal trace segment
between the signal input (typically a connector) and the
ESD protection device. Refer to Figure 3, which illus-
trates an example of a positive ESD pulse striking an
input channel. The parasitic series inductance back to
the power supply is represented by L1 and L2. The volt-
age VCL on the line being protected is:
VCL = Fwd voltage drop of D1 + VSUPPLY + L1 x d(IESD ) / dt
+ L2 x d(IESD ) / dt
where IESD is the ESD current pulse, and VSUPPLY is
the positive supply voltage.
An ESD current pulse can rise from zero to its peak
value in a very short time. As an example, a level 4
contact discharge per the IEC61000-4-2 standard
results in a current pulse that rises from zero to 30
Amps in 1ns. Here d(IESD)/dt can be approximated by
∆IESD/∆t, or 30/(1x10-9). So just 910nH of series induc-
tance (L1 and L2 combined) will lead to a 300V incre-
ment in VCL!
Similarly for negative ESD pulses, parasitic series
inductance from the VN pin to the ground rail will lead
to drastically increased negative voltage on the line
being protected.
Another consideration is the output impedance of the
power supply for fast transient currents. Most power
supplies exhibit a much higher output impedance to
fast transient current spikes. In the VCL equation
above, the VSUPPLY term, in reality, is given by (VDC +
IESD x ROUT), where VDC and ROUT are the nominal
supply DC output voltage and effective output imped-
ance of the power supply respectively. As an example,
a ROUT of 1 ohm would result in a 10V increment in
VCL for a peak IESD of 10A.
If the inductances and resistance described above are
close to zero, the rail-clamp ESD protection diodes will
do a good job of protection. However, since this is not
possible in practical situations, a bypass capacitor
must be used to absorb the very high frequency ESD
energy. So for any brand of rail-clamp ESD protection
diodes, a bypass capacitor should be connected
between the VP pin of the diodes and the ground plane
(VN pin of the diodes) as shown in the Application Cir-
cuit diagram below. A value of 0.22µF is adequate.
Ceramic chip capacitors mounted with short printed
circuit board traces are good choices for this applica-
tion. Electrolytic capacitors should be avoided as they
have poor high frequency characteristics. For extra
protection, connect a zener diode in parallel with the
bypass capacitor to mitigate the effects of the parasitic
series inductance inherent in the capacitor. The break-
down voltage of the zener diode should be slightly
higher than the maximum supply voltage.
As a general rule, the ESD Protection Array should be
located as close as possible to the point of entry of
expected electrostatic discharges. The power supply
bypass capacitor mentioned above should be as close
to the VP pin of the Protection Array as possible, with
minimum PCB trace lengths to the power supply,
ground planes and between the signal input and the
ESD device to minimize stray series inductance.
Additional Information
See also California Micro Devices Application Notes
AP209, “Design Considerations for ESD Protection”
and APxxx, "ESD Protection for USB 2.0 Systems".
Figure 3. Application of Positive ESD Pulse between Input Channel and Ground
N
L 2
L1
VP
V
PATH OF ESD CURRENT PULSE I
ONE
CHANNEL
OF
CM1210
CHANNEL
INPUT
GROUND RAIL
POSITIVE SUPPLY RAIL
SYSTEM OR
CIRCUITRY
BEING
PROTECTED
LINE BEING
PROTECTED
ESD
D
0.22µF
1
2
D
0A
20A
VCL


Similar Part No. - CM1210-02ST

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
CM1211F FENGJUI-CM1211F Datasheet
223Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM1211F-102 FENGJUI-CM1211F-102 Datasheet
223Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM1211F-701 FENGJUI-CM1211F-701 Datasheet
223Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
logo
Chicago Miniature Lamp,...
CM1212 CML-CM1212 Datasheet
223Kb / 1P
   T-5 Wedge Base
logo
Visual Communications C...
CM1212 VCC-CM1212 Datasheet
28Kb / 1P
   Wedge Base Lens End
More results

Similar Description - CM1210-02ST

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1230 ONSEMI-CM1230 Datasheet
325Kb / 16P
   2, 4, and 8-Channel Low-Capacitance ESD Protection Array
May 2010 ??Rev. 2
logo
California Micro Device...
CM1230 CALMIRCO-CM1230 Datasheet
352Kb / 11P
   2, 4 and 8-Channel Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_16 Datasheet
576Kb / 12P
   1, 2 and 4-Channel Low Capacitance ESD Protection Array
October, 2016 ??Rev. 11
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com