Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C09189-12AC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C09189-12AC
Description  64K/128K x 8/9 Synchronous Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09189-12AC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C09189-12AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09189-12AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09189-12AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09189-12AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09189-12AC Datasheet HTML 9Page - Cypress Semiconductor CY7C09189-12AC Datasheet HTML 10Page - Cypress Semiconductor CY7C09189-12AC Datasheet HTML 11Page - Cypress Semiconductor CY7C09189-12AC Datasheet HTML 12Page - Cypress Semiconductor CY7C09189-12AC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
CY7C09089/99
CY7C09189/99
Document #: 38-06039 Rev. *A
Page 9 of 19
Switching Waveforms
Read Cycle for Flow-Through Output (FT/PIPE = VIL)
[14, 15, 16, 17]
Read Cycle for Pipelined Operation (FT/PIPE = VIH)
[14, 15, 16, 17]
Notes:
14. OE is asynchronously controlled; all other inputs are synchronous to the rising clock edge.
15. ADS = VIL, CNTEN and CNTRST = VIH.
16. The output is disabled (high-impedance state) by CE0=VIH or CE1 = VIL following the next rising edge of the clock.
17. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK. Numbers are for reference only.
tCH1
tCL1
tCYC1
tSC
tHC
tDC
tOHZ
tOE
tSC
tHC
tSW
tHW
tSA
tHA
tCD1
tCKHZ
tDC
tOLZ
tCKLZ
An
An+1
An+2
An+3
Qn
Qn+1
Qn+2
CLK
CE0
CE1
R/W
ADDRESS
DATAOUT
OE
tCH2
tCL2
tCYC2
tSC
tHC
tSW
tHW
tSA
tHA
An
An+1
CLK
CE0
CE1
R/W
ADDRESS
DATAOUT
OE
An+2
An+3
tSC
tHC
tOHZ
tOE
tOLZ
tDC
tCD2
tCKLZ
Qn
Qn+1
Qn+2
1 Latency


Similar Part No. - CY7C09189-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09189V CYPRESS-CY7C09189V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09189V CYPRESS-CY7C09189V Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09189V-12AC CYPRESS-CY7C09189V-12AC Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09189V-12AC CYPRESS-CY7C09189V-12AC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09189V-12AXC CYPRESS-CY7C09189V-12AXC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09189-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709189L IDT-IDT709189L Datasheet
178Kb / 15P
   HIGH-SPEED 64K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09079A CYPRESS-CY7C09079A Datasheet
336Kb / 18P
   32K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com