Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M393T5663AZA Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M393T5663AZA
Description  DDR2 Registered SDRAM MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M393T5663AZA Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button M393T5663AZA Datasheet HTML 2Page - Samsung semiconductor M393T5663AZA Datasheet HTML 3Page - Samsung semiconductor M393T5663AZA Datasheet HTML 4Page - Samsung semiconductor M393T5663AZA Datasheet HTML 5Page - Samsung semiconductor M393T5663AZA Datasheet HTML 6Page - Samsung semiconductor M393T5663AZA Datasheet HTML 7Page - Samsung semiconductor M393T5663AZA Datasheet HTML 8Page - Samsung semiconductor M393T5663AZA Datasheet HTML 9Page - Samsung semiconductor M393T5663AZA Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Rev. 1.2 Sep. 2005
1GB, 2GB, 4GB Registered DIMMs
DDR2 SDRAM
Symbol
Type
Description
CK0
Input
Positive line of the differential pair of system clock inputs that drives input to the on-DIMM PLL.
CK0
Input
Negative line of the differential pair of system clock inputs that drives the input to the on-DIMM PLL.
CKE0~CKE1
Input
Activates the SDRAM CK signal when high and deactivates the CK signal when low. By deactivating the clocks, CKE low
initiates the Power Down mode, or the Self Refresh mode.
S0~S1
Input
Enables the associated SDRAM command decoder when low and disables decoder when high. When decoder is dis-
abled, new commands are ignored but previous operations continue.
These input signals also disable all outputs (except CKE and ODT) of the register(s) on the DIMM when both inputs are
high.
ODT0~ODT1
Input
I/O bus impedance control signals.
RAS, CAS, WE
Input
When sampled at the positive rising edge of the clock, CAS, RAS, and WE define the operation to be executed by the
SDRAM.
VREF
Supply
Reference voltage for SSTL_18 inputs
VDDQ
Supply
Isolated power supply for the DDR SDRAM output buffers to provide improved noise immunity
BA0~BA2
Input
Selects which SDRAM bank of eight is activated.
A0~A9,A10/AP
A11~A13
Input
During a Bank Activate command cycle, Address defines the row address.
During a Read or Write command cycle, Address defines the column address. In addition to the column address, AP is
used to invoke autoprecharge operation at the end of the burst read or write cycle. If AP is high, autoprecharge is selected
and BA0, BA1, BA2 defines the bank to be precharged. If AP is low, autoprecharge is disabled. During a Precharge com-
mand cycle, AP is used in conjunction with BA0, BA1, BA2 to control which bank(s) to precharge. If AP is high, all banks
will be precharged regardless of the state of BA0 or BA1 or BA2. If AP is low, BA0 and BA1 and BA2 are used to define
which bank to precharge.
DQ0~63,
CB0~CB7
In/Out
Data and Check Bit Input/Output pins
DM0~DM8
Input
Masks write data when high, issued concurrently with input data. Both DM and DQ have a write latency of one clock once
the write command is registered into the SDRAM.
VDD, VSS
Supply
Power and ground for the DDR SDRAM input buffers and core logic
DQS0~DQS17
In/Out
Positive line of the differential data strobe for input and output data.
DQS0~DQS17
In/Out
Negative line of the differential data strobe for input and output data.
SA0~SA2
Input
These signals are tied at the system planar to either VSS or VDDSPD to configure the serial SPD EEPROM address range.
SDA
In/Out
This bidirectional pin is used to transfer data into or out of the SPD EEPROM. A resistor must be connected from the SDA
bus line to VDDSPD to act as a pullup.
SCL
Input
This signal is used to clock data into and out of the SPD EEPROM. A resistor may be connected from the SCL bus time
to VDDSPD to act as a pullup.
VDDSPD
Supply
Serial EEPROM positive power supply (wired to a separate power pin at the connector which supports from 1.7 Volt to 3.6
Volt operation).
RESET
Input
The RESET pin is connected to the RST pin on the register and to the OE pin on the PLL. When low, all register outputs
will be driven low and the PLL clocks to the DRAMs and register(s) will be set to low level (The PLL will remain synchro-
nized with the input clock )
Par_In
Input
Parity bit for the Address and Control bus. ( “1 “ : Odd, “0 “ : Even)
Err_Out
Input
Parity error found in the Address and Control bus
TEST
In/Out
Used by memory bus analysis tools (unused on memory DIMMs)
Input/Output Function Description


Similar Part No. - M393T5663AZA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T5663CZ3 SAMSUNG-M393T5663CZ3 Datasheet
620Kb / 26P
   DDR2 Registered SDRAM MODULE
M393T5663CZ3-CD5 SAMSUNG-M393T5663CZ3-CD5 Datasheet
620Kb / 26P
   DDR2 Registered SDRAM MODULE
M393T5663CZA-CF7 SAMSUNG-M393T5663CZA-CF7 Datasheet
620Kb / 26P
   DDR2 Registered SDRAM MODULE
M393T5663QZ3 SAMSUNG-M393T5663QZ3 Datasheet
393Kb / 14P
   DDR2 SDRAM Memory
M393T5663QZHA SAMSUNG-M393T5663QZHA Datasheet
393Kb / 14P
   DDR2 SDRAM Memory
More results

Similar Description - M393T5663AZA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T5663CZ3 SAMSUNG-M393T5663CZ3 Datasheet
620Kb / 26P
   DDR2 Registered SDRAM MODULE
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
logo
List of Unclassifed Man...
SEP02G72E2BF2SA-37R ETC2-SEP02G72E2BF2SA-37R Datasheet
793Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE21AD4AGFA ELPIDA-EBE21AD4AGFA Datasheet
209Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE20AE4ABFA ELPIDA-EBE20AE4ABFA Datasheet
236Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
   512MB Registered DDR2 SDRAM DIMM
EBE51AD8AJFA ELPIDA-EBE51AD8AJFA Datasheet
242Kb / 28P
   512MB Registered DDR2 SDRAM DIMM
EBE21RD4AJFA ELPIDA-EBE21RD4AJFA Datasheet
261Kb / 30P
   2GB Registered DDR2 SDRAM DIMM
EBE41RE4ACFA ELPIDA-EBE41RE4ACFA Datasheet
272Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
EBE10RD4AEFA-6 ELPIDA-EBE10RD4AEFA-6 Datasheet
200Kb / 22P
   1GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com