Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S553-6500-E3 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S553-6500-E3
Description  HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S553-6500-E3 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S553-6500-E3 Datasheet HTML 1Page - Bel Fuse Inc. S553-6500-E3 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
HIGH FREQUENCY MAGNETICS
©2005 Bel Fuse Inc.
Specifications subject to change without notice. 05.05
TM01108
page 1
T1/E1 Octal Transformer Modules
SCHEMATIC
ELECTRICAL SPECIFICATIONS at 25° C
S553-6500-E3
Optimized for PMC-Sierra PM4318, 75
Ω option
Eight transformers in one surface-mount package
Two modules:
S553-6500-E3 with eight transformers
S553-6500-E4 with eight transformers and IC-side
surge protection devices
Four transformers have center taps to facilitate Simplex
line powering
Meets ITU-T G.703 return loss from -40° to +85° C
Operating temperature range -40° to +85°C
Meets IEC 695, 2-2 flammability requirements
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
Reliability testing: Shock, vibration, temperature cycling,
temperature - humidity - bias
Interwinding breakdown voltage: 1500 Vrms min
UL 1950 approved: S553-6500-E3 file number E150991
S553-6500-E4 pending
1. Terminated in 36
Ω for TX and 27 Ω for RX
S553-6500-E4
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
z
H
k
0
1
t
a
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
z
H
M
1
t
a
R
C
D
x
a
m
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
s
s
o
L
n
r
u
t
e
R
z
H
k
2
0
1
t
a
5
7
n
o
i
t
a
c
i
l
p
p
A
1
e
n
i
L
:
C
I
n
i
m
H
µ
x
a
m
H
µ
e
d
i
S
C
I
e
d
i
S
e
n
i
L
g
n
i
d
n
i
W
o
t
g
n
i
d
n
i
W
C
°
5
2
p
y
t
B
d
C
°
5
8
+
o
t
0
4
-
n
i
m
B
d
X
T
X
R
X
T
X
R
X
T
X
R
X
T
X
R
X
T
X
R
X
T
X
R
X
T
X
R
3
E
-
0
0
5
6
-
3
5
5
S8
5
.
1
:
18
5
.
1
:
10
5
90
5
93
.
03
.
06
.
06
.
08
.
08
.
05
30
27
28
13
2
4
E
-
0
0
5
6
-
3
5
5
S8
5
.
1
:
18
5
.
1
:
10
5
90
5
93
.
03
.
06
.
06
.
08
.
08
.
05
30
27
28
13
2
1
2
3
40
39
38
1 : 1.58CT
1 : 1.58CT
1 : 1.58
1 : 1.58CT
1 : 1.58CT
1 : 1.58
1 : 1.58
1 : 1.58
16
17
18
19
20
6
7
10
11
12
13
14
15
1 TXI+
1 TXI-
1 RXO+
1 RXO-
2 TXI+
2 TXI-
2 RXO+
2 RXO-
3 TXI+
3 TXI-
3 RXO+
3 RXO-
4 TXI+
4 TXI-
4 RXO+
4 RXO-
31
30
37
36
35
34
33
32
23
22
21
29
26
25
24
27
28
1 TXO+
1 TXOCT
1 TXO-
1 RXI+
1 RXICT
1 RXI-
2 TXO+
2 TXO-
2 RXI+
2 RXI-
3 TXO+
3 TXO-
3 RXI+
3 RXI-
4 TXO+
4 TXOCT
4 TXO-
4 RXI+
4 RXICT
4 RXI-
4
5
8
9
3,4 3.3V
3,4 GND
1,2 GND
1,2 3.3V
IC Side
Line Side
S
U
R
G
E
P
R
O
T
E
C
T
I
O
N
D
E
V
I
C
E
S
1
2
3
40
39
38
1 : 1.58CT
1 : 1.58CT
1 : 1.58
1 : 1.58CT
1 : 1.58CT
1 : 1.58
1 : 1.58
1 : 1.58
16
17
18
19
20
4
5
6
7
8
9
10
11
12
13
14
15
1 TXI+
1 TXI-
1 RXO+
1 RXO-
2 TXI+
2 TXI-
2 RXO+
2 RXO-
3 TXI+
3 TXI-
3 RXO+
3 RXO-
4 TXI+
4 TXI-
4 RXO+
4 RXO-
31
30
37
36
35
34
33
32
23
22
21
29
26
25
24
27
28
1 TXO+
1 TXOCT
1 TXO-
1 RXI+
1 RXICT
1 RXI-
2 TXO+
2 TXO-
2 RXI+
2 RXI-
3 TXO+
3 TXO-
3 RXI+
3 RXI-
4 TXO+
4 TXOCT
4 TXO-
4 RXI+
4 RXICT
4 RXI-
IC Side
Line Side


Similar Part No. - S553-6500-E3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-6500-E2 BEL-S553-6500-E2 Datasheet
104Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-E5 BEL-S553-6500-E5 Datasheet
86Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Dual Transformers
S553-6500-E6-F BEL-S553-6500-E6-F Datasheet
58Kb / 2P
   ELECTRICAL SPECIFICATION
More results

Similar Description - S553-6500-E3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-6500-D4 BEL-S553-6500-D4 Datasheet
88Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules
S553-6500-D1 BEL-S553-6500-D1 Datasheet
82Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules
S553-6500-A7 BEL-S553-6500-A7 Datasheet
105Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules
S553-5692-08 BEL-S553-5692-08 Datasheet
171Kb / 4P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules
S553-6500-B8 BEL-S553-6500-B8 Datasheet
96Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules
S553-6500-E2 BEL-S553-6500-E2 Datasheet
104Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-D8 BEL-S553-6500-D8 Datasheet
101Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-F6 BEL-S553-6500-F6 Datasheet
72Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-F2 BEL-S553-6500-F2 Datasheet
115Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
S553-6500-D6 BEL-S553-6500-D6 Datasheet
105Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com