Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V36100L7.5BB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72V36100L7.5BB
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V36100L7.5BB Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72V36100L7.5BB Datasheet HTML 2Page - Integrated Device Technology IDT72V36100L7.5BB Datasheet HTML 3Page - Integrated Device Technology IDT72V36100L7.5BB Datasheet HTML 4Page - Integrated Device Technology IDT72V36100L7.5BB Datasheet HTML 5Page - Integrated Device Technology IDT72V36100L7.5BB Datasheet HTML 6Page - Integrated Device Technology IDT72V36100L7.5BB Datasheet HTML 7Page - Integrated Device Technology IDT72V36100L7.5BB Datasheet HTML 8Page - Integrated Device Technology IDT72V36100L7.5BB Datasheet HTML 9Page - Integrated Device Technology IDT72V36100L7.5BB Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V36100/72V36110 3.3V HIGH DENSITY SUPERSYNC IITM 36-BIT FIFO
65,536 x 36 and 131,072 x 36
APRIL 6, 2006
PIN DESCRIPTION (TQFP AND PBGA PACKAGES)
Symbol
Name
I/O
Description
BM(1)
Bus-Matching
I
BM works with IW and OW to select the bus sizes for both write and read ports. See Table 1 for bus size configuration.
BE(1)
Big-Endian/
I
During Master Reset, a LOW on
BE will select Big-Endian operation. A HIGH on BE during Master Reset will
Little-Endian
selectLittle-Endianformat.
D0–D35
DataInputs
I
Data inputs for a 36-, 18- or 9-bit bus. When in 18- or 9-bit mode, the unused input pins are in a don’t care state.
EF/OR
Empty Flag/
O
In the IDT Standard mode, the
EF function is selected. EF indicates whether or not the FIFO memory is empty.
Output Ready
In FWFT mode, the
OR functionisselected.OR indicateswhetherornotthereisvaliddataavailableattheoutputs.
FF/IR
Full Flag/
O
In the IDT Standard mode, the
FF function is selected. FF indicates whether or not the FIFO memory is full. In the
Input Ready
FWFT mode, the
IR function is selected. IR indicates whether or not there is space available for writing to the FIFO
memory.
FSEL0(1)
Flag Select Bit 0
I
DuringMasterReset,thisinputalongwithFSEL1andthe
LDpin,willselectthedefaultoffsetvaluesfortheprogrammable
flags
PAE and PAF. There are up to eight possible settings available.
FSEL1(1)
Flag Select Bit 1
I
DuringMasterReset,thisinputalongwithFSEL0andthe
LDpinwillselectthedefaultoffsetvaluesfortheprogrammable
flags
PAE and PAF. There are up to eight possible settings available.
FWFT/SI
First Word Fall
I
During Master Reset, selects First Word Fall Through or IDT Standard mode. After Master Reset, this pin functions
Through/Serial In
as a serial input for loading offset registers.
HF
Half-Full Flag
O
HF indicates whether the FIFO memory is more or less than half-full.
IP(1)
Interspersed Parity
I
During Master Reset, a LOW on IP will select Non-Interspersed Parity mode. A HIGH will select Interspersed Parity
mode. Interspersed Parity control only has an effect during parallel programming of the offset registers. It does not
effect the data written to and read from the FIFO.
IW(1)
InputWidth
I
This pin, along with OW and MB, selects the bus width of the write port. See Table 1 for bus size configuration.
LD
Load
I
This is a dual purpose pin. During Master Reset, the state of the
LD inputalongwithFSEL0andFSEL1,determines
oneofeightdefaultoffsetvaluesforthe
PAEandPAFflags,alongwiththemethodbywhichtheseoffsetregisterscan
be programmed, parallel or serial (see Table 2). After Master Reset, this pin enables writing to and reading from the
offsetregisters.
OE
OutputEnable
I
OE controls the output impedance of Qn.
OW(1)
OutputWidth
I
This pin, along with IW and BM, selects the bus width of the read port. See Table 1 for bus size configuration.
MRS
MasterReset
I
MRS initializes the read and write pointers to zero and sets the output register to all zeroes. During Master Reset,
theFIFOisconfiguredforeitherFWFTorIDTStandardmode,Bus-Matchingconfigurations,oneofeightprogrammable
flagdefaultsettings,serialorparallelprogrammingoftheoffsetsettings,Big-Endian/Little-Endianformat,zerolatency
timing mode, interspersed parity, and synchronous versus asynchronous programmable flag timing modes.
PAE
Programmable
O
PAE goes LOW if the number of words in the FIFO memory is less than offset n, which is stored in the Empty Offset
Almost-EmptyFlag
register.
PAE goes HIGH if the number of words in the FIFO memory is greater than or equal to offset n.
PAF
Programmable
O
PAF goes HIGH if the number of free locations in the FIFO memory is more than offset m, which is stored in the
Almost-FullFlag
Full Offset register.
PAF goes LOW if the number of free locations in the FIFO memory is less than or equal to m.
PFM(1)
Programmable
I
During Master Reset, a LOW on PFM will select Asynchronous Programmable flag timing mode. A HIGH on PFM
Flag Mode
will select Synchronous Programmable flag timing mode.
PRS
PartialReset
I
PRS initializes the read and write pointers to zero and sets the output register to all zeroes. During Partial Reset,
the existing mode (IDT or FWFT), programming method (serial or parallel), and programmable flag settings are all
retained.
Q0–Q35
DataOutputs
O
Data outputs for an 36-, 18- or 9-bit bus. When in 18- or 9-bit mode, the unused output pins are in a don’t care
state. Outputs are not 5V tolerant regardless of the state of
OE.
RCLK/
Read Clock/
I
If Synchronous operation of the read port has been selected, when enabled by
REN, the rising edge of RCLK
RD
Read Strobe
reads data from the FIFO memory and offsets from the programmable registers. If
LD is LOW, the values loaded
into the offset registers is output on a rising edge of RCLK. If Asynchronous operation of the read port has been
selected, a rising edge on RD reads data from the FIFO in an Asynchronous manner.
REN should be tied LOW.
Asynchronous operation of the RCLK/RD input is only available in the PBGA package.
REN
Read Enable
I
REN enables RCLK for reading data from the FIFO memory and offset registers.
RM(1)
RetransmitTiming
I
During Master Reset, a LOW on RM will select zero latency Retransmit timing Mode. A HIGH on RM will select
Mode
normal latency mode.
RT
Retransmit
I
RT asserted on the rising edge of RCLK initializes the READ pointer to zero, sets the EF flag to LOW (OR to HIGH
in FWFT mode) and does not disturb the write pointer, programming method, existing timing mode or programmable
flag settings.
RT is useful to reread data from the first physical location of the FIFO.
NOTE:
1. Inputs should not change state after Master Reset.


Similar Part No. - IDT72V36100L7.5BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V36100L75PF IDT-IDT72V36100L75PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results

Similar Description - IDT72V36100L7.5BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
72V36100 RENESAS-72V36100 Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com