Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S560-6600-00 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S560-6600-00
Description  ADSL MAGNETICS For Analog Devices
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S560-6600-00 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S560-6600-00 Datasheet HTML 1Page - Bel Fuse Inc. S560-6600-00 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ADSL MAGNETICS
©1999 Bel Fuse Inc.
Specifications subject to change without notice. 06.99
TM9953
T506
ELECTRICAL SPECIFICATIONS at 25° C
SCHEMATIC
Optimized for use with Analog Devices’ AD20MSP910
transceiver IC
Designed to support modem, router and switch
applications
All measurements are made with pins 2 and 3 connected and pins 8 and 9 connected.
*Source resistance and load resistance equals 135
Ω.
S560-6600-30 designed to meet domestic and
international safety requirements for supplementary
insulation at 250V
Minimum interwinding breakdown voltage of 1500 Vrms
For Analog Devices
Pins 2 and 3 connected to form chip side CT
Pins 8 and 9 connected to form line side CT
1
3
2
4
7
9
8
10
Line
Side
Chip
Side
S560-6600-00
S560-6600-30
S560-6600-35
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
3
±
e
c
n
a
t
c
u
d
n
I
%
0
1
±
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µµµµµ
x
a
m
H
R
C
D
x
a
m
*
s
s
o
L
n
r
u
t
e
R
n
i
m
B
d
n
o
i
t
r
e
s
n
I
*
s
s
o
L
B
d
x
a
m
y
c
n
e
u
q
e
r
F
*
e
s
n
o
p
s
e
R
B
d
c
i
n
o
m
r
a
H
*
n
o
i
t
r
o
t
s
i
D
p
y
t
B
d
e
n
i
L
:
p
i
h
C
e
d
i
S
e
n
i
L
e
d
i
S
p
i
h
C
e
d
i
S
p
i
h
C
e
d
i
S
e
n
i
L
z
H
K
0
0
3
-
z
H
K
0
4
z
H
M
1
.
1
-
z
H
K
0
3
z
H
K
0
3
s
m
r
V
4
=
o
V
0
0
-
0
0
6
6
-
0
6
5
ST
C
1
:
T
C
15
5
13
3
5
.
6
1
z
H
k
0
0
1
5
.
0
5
.
0
±0
8
0
3
-
0
0
6
6
-
0
6
5
ST
C
1
:
T
C
15
6
13
3
5
.
6
1
z
H
k
0
0
1
5
.
0
5
.
0
±0
8
5
3
-
0
0
6
6
-
0
6
5
ST
C
5
2
.
1
:
T
C
11
.
36
0
.
30
.
45
.
6
1
z
H
k
0
0
3
5
.
0
5
.
0
±0
8


Similar Part No. - S560-6600-00

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6600-24 BEL-S560-6600-24 Datasheet
76Kb / 2P
   HDSL Magnetics GlobeSpan MDSL/HDSL2
S560-6600-30 BEL-S560-6600-30 Datasheet
60Kb / 2P
   ADSL Magnetics For Analog Devices AD20MSP910
S560-6600-39 BEL-S560-6600-39 Datasheet
121Kb / 4P
   ADSL Magnetics
S560-6600-68 BEL-S560-6600-68 Datasheet
60Kb / 2P
   ADSL Magnetics
S560-6600-71 BEL-S560-6600-71 Datasheet
116Kb / 2P
   ADSL Magnetics Globespan
More results

Similar Description - S560-6600-00

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6600-K2 BEL-S560-6600-K2 Datasheet
63Kb / 2P
   ADSL Magnetics Analog Devices
S560-6600-DM BEL-S560-6600-DM Datasheet
63Kb / 2P
   ADSL Magnetics Analog Devices
0560-6600-DK BEL-0560-6600-DK Datasheet
49Kb / 2P
   ADSL Magnetics Analog Devices
S560-6600-30 BEL-S560-6600-30 Datasheet
60Kb / 2P
   ADSL Magnetics For Analog Devices AD20MSP910
S560-6600-F3 BEL-S560-6600-F3 Datasheet
61Kb / 2P
   ADSL Magnetics For Analog Devices AD20MSP930
S560-6600-B3 BEL-S560-6600-B3 Datasheet
57Kb / 2P
   ADSL Magnetics For Analog Devices AD20MSP918 (Custom)
logo
List of Unclassifed Man...
XT0004 ETC2-XT0004 Datasheet
207Kb / 2P
   ADSL Transformer For Analog Devices
XT5005 ETC2-XT5005 Datasheet
155Kb / 2P
   ADSL Transformer For Analog Devices
logo
Nuvotem Talema
AEP100-T TALEMA-AEP100-T Datasheet
47Kb / 1P
   ADSL Transformers for Analog Devices Chipsets
logo
Bel Fuse Inc.
S560-6600-L8 BEL-S560-6600-L8 Datasheet
139Kb / 2P
   ADSL Magnetics For Centillium
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com