Electronic Components Datasheet Search |
|
P87C52-1 Datasheet(PDF) 8 Page - Intel Corporation |
|
P87C52-1 Datasheet(HTML) 8 Page - Intel Corporation |
8 / 23 page 8XC525458 ABSOLUTE MAXIMUM RATINGS Ambient Temperature Under Bias b40 Cto a85 C Storage Temperature b 65 Cto a150 C Voltage on EAVPP Pin to VSS 0V to a130V Voltage on Any Other Pin to VSS b 05V to a65V IOL Per IO Pin 15 mA Power Dissipation15W (based on PACKAGE heat transfer limitations not device power consumption) NOTICE This data sheet contains preliminary infor- mation on new products in production The specifica- tions are subject to change without notice Verify with your local Intel Sales office that you have the latest data sheet before finalizing a design WARNING Stressing the device beyond the ‘‘Absolute Maximum Ratings’’ may cause permanent damage These are stress ratings only Operation beyond the ‘‘Operating Conditions’’ is not recommended and ex- tended exposure beyond the ‘‘Operating Conditions’’ may affect device reliability OPERATING CONDITIONS Symbol Description Min Max Units TA Ambient Temperature Under Bias Commercial 0 a 70 C Express b 40 a 85 C VCC Supply Voltage 40 60 V 8XC5X-33 45 55 V fOSC Oscillator Frequency 8XC5X 35 12 MHz 8XC5X-1 35 16 MHz 8XC5X-2 05 12 MHz 8XC5X-24 35 24 MHz 8XC5X-33 35 33 MHz DC CHARACTERISTICS (Over Operating Conditions) All parameter values apply to all devices unless otherwise indicated Symbol Parameter Min Typ Max Unit Test Conditions (Note 4) VIL Input Low Voltage b 05 02 VCCb01 V VIL1 Input Low Voltage EA 0 02 VCCb03 V VIH Input High Voltage 02 VCCa09 VCCa05 V (Except XTAL1 RST) VIH1 Input High Voltage 07 VCC VCCa05 V (XTAL1 RST) VOL Output Low Voltage (Note 5) 03 V IOL e 100 mA (Note 1) (Ports 1 2 and 3) 045 V IOL e 16 mA (Note 1) 10 V IOL e 35 mA (Note 1) VOL1 Output Low Voltage (Note 5) 03 V IOL e 200 mA (Note 1) (Port 0 ALE PSEN) 045 V IOL e 32 mA (Note 1) 10 V IOL e 70 mA (Note 1) VOH Output High Voltage VCCb03 V IOH eb10 mA (Ports 1 2 and 3 ALE PSEN) VCCb07 V IOH eb30 mA VCCb15 V IOH eb60 mA 8 |
Similar Part No. - P87C52-1 |
|
Similar Description - P87C52-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |