Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3402MMX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3402MMX
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3402MMX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3402MMX Datasheet HTML 5Page - National Semiconductor (TI) LM3402MMX Datasheet HTML 6Page - National Semiconductor (TI) LM3402MMX Datasheet HTML 7Page - National Semiconductor (TI) LM3402MMX Datasheet HTML 8Page - National Semiconductor (TI) LM3402MMX Datasheet HTML 9Page - National Semiconductor (TI) LM3402MMX Datasheet HTML 10Page - National Semiconductor (TI) LM3402MMX Datasheet HTML 11Page - National Semiconductor (TI) LM3402MMX Datasheet HTML 12Page - National Semiconductor (TI) LM3402MMX Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Block Diagram
20192103
Application Information
THEORY OF OPERATION
The LM3402 and LM3402HV are buck regulators with a wide
input voltage range, low voltage reference, and a fast output
enable/disable function. These features combine to make
them ideal for use as a constant current source for LEDs with
forward currents as high as 500 mA. The controlled on-time
(COT) architecture is a combination of hysteretic mode con-
trol and a one-shot on-timer that varies inversely with input
voltage. Hysteretic operation eliminates the need for small-
signal control loop compensation. When the converter runs
in continuous conduction mode (CCM) the controlled on-time
maintains a constant switching frequency over the range of
input voltage. Fast transient response, PWM dimming, a low
power shutdown mode, and simple output overvoltage pro-
tection round out the functions of the LM3402/02HV.
CONTROLLED ON-TIME OVERVIEW
Figure 1 shows the feedback system used to control the
current through an array of LEDs. A voltage signal, V
SNS,is
created as the LED current flows through the current setting
resistor, R
SNS, to ground. VSNS is fed back to the CS pin,
where it is compared against a 200 mV reference, V
REF. The
on-comparator turns on the power MOSFET when V
SNS falls
below V
REF. The power MOSFET conducts for a controlled
on-time, t
ON, set by an external resistor, RON, and by the
input voltage, V
IN. On-time is governed by the following
equation:
At the conclusion of t
ON the power MOSFET turns off for a
minimum off-time, t
OFF-MIN, of 300 ns. Once tOFF-MIN is
complete the CS comparator compares V
SNS and VREF
again, waiting to begin the next cycle.
www.national.com
9


Similar Part No. - LM3402MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402MMX NSC-LM3402MMX Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402MMX TI1-LM3402MMX Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402MMX TI-LM3402MMX Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402MMX TI1-LM3402MMX Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
LM3402MMX/NOPB TI1-LM3402MMX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
More results

Similar Description - LM3402MMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMR TI-LM3402HVMR Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com