Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S560-6600-CE Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S560-6600-CE
Description  ADSL Magnetics Texas Instruments
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S560-6600-CE Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S560-6600-CE Datasheet HTML 1Page - Bel Fuse Inc. S560-6600-CE Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2001 Bel Fuse Inc. Specifications subject to change without notice. 08.01
TM01352
ADSL Magnetics
Texas Instruments
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATIC
Operating and storage temperature range: -40° to +85° C
Meets IEC 695, 2-2 flammability requirements
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
Reliability testing: shock, vibration, temperature cycling,
temperature - humidity - bias
Designed to comply with the requirements of UL1950
and EN60950 to provide a supplementary insulation
barrier with a working voltage of 250V
UL File Number E169987
BABT certificate number NC/011393
CB test certificate NEMKO 12571
Minimum interwinding breakdown voltage of 1500 Vrms
S560-6600-CE
page 1
All measurements are made with pins 2 and 3 connected and pins 6 and 7 connected
1. Inductance measured at 100 kHz, 0.1 Vac
2. Measurements made with 100
Ω source impedance
8
6
7
5
1
3
2
4
Chip
Line
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
e
c
n
a
t
c
u
d
n
I
1
%
5
±
H
µ
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µx
a
m
H
R
C
D
x
a
m
l
a
n
i
d
u
t
i
g
n
o
L
e
c
n
a
l
a
B
2
n
i
m
B
d
n
o
i
t
r
e
s
n
I
s
s
o
L
2
x
a
m
B
d
y
c
n
e
u
q
e
r
F
e
s
n
o
p
s
e
R
2
x
a
m
B
d
c
i
n
o
m
r
a
H
n
o
i
t
r
o
t
s
i
D
2
x
a
m
B
d
e
n
i
L
:
p
i
h
C
e
d
i
S
e
n
i
L
e
d
i
S
e
n
i
L
p
i
h
C
e
d
i
S
e
n
i
L
e
d
i
S
z
H
k
0
0
1
z
H
k
0
0
3
-
z
H
k
0
0
1
z
H
M
1
.
1
z
H
k
0
0
1
p
p
V
5
1
E
C
-
0
0
6
6
-
0
6
5
S1
9
.
1
:
15
.
2
92
7
2
.
03
5
.
00
65
2
.
05
.
0
±0
8
-


Similar Part No. - S560-6600-CE

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6600-CA BEL-S560-6600-CA Datasheet
64Kb / 2P
   ADSL Magnetics Tioga
More results

Similar Description - S560-6600-CE

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6600-AB BEL-S560-6600-AB Datasheet
160Kb / 2P
   ADSL Magnetics Texas Instruments
0560-6600-64 BEL-0560-6600-64 Datasheet
53Kb / 2P
   ADSL Magnetics For Texas Instruments
S560-6600-F9 BEL-S560-6600-F9 Datasheet
65Kb / 2P
   ADSL Magnetics For Texas Instruments TNETD4000C
S560-6600-Z6 BEL-S560-6600-Z6 Datasheet
204Kb / 2P
   ADSL Magnetics For Texas Instruments AC5 (CO)
logo
List of Unclassifed Man...
XT0018 ETC2-XT0018 Datasheet
111Kb / 2P
   ADSL Transformer For Texas Instruments
XT0019 ETC2-XT0019 Datasheet
109Kb / 1P
   ADSL Transformer For Texas Instruments
logo
Pulse A Technitrol Comp...
BX2361 PULSE-BX2361 Datasheet
64Kb / 1P
   ADSL LINE TRANSFORMERS For Texas Instruments??CPE Chipsets
B2205 PULSE-B2205 Datasheet
67Kb / 1P
   ADSL LINE TRANSFORMERS For Use With Texas Instruments??Chipsets
B2243 PULSE-B2243 Datasheet
72Kb / 1P
   ADSL LINE TRANSFORMER For Use with Texas Instruments Chipset
logo
Advanced Thermal Soluti...
ATS-TI10P-521-C1-R1 ATS-ATS-TI10P-521-C1-R1 Datasheet
121Kb / 1P
   Heat Sinks For Texas Instruments
REV3_1117
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com