Electronic Components Datasheet Search |
|
D80C58-1 Datasheet(PDF) 6 Page - Intel Corporation |
|
D80C58-1 Datasheet(HTML) 6 Page - Intel Corporation |
6 / 23 page 8XC525458 Table 2 Status of the External Pins during Idle and Power Down Mode Program ALE PSEN PORT0 PORT1 PORT2 PORT3 Memory Idle Internal 1 1 Data Data Data Data Idle External 1 1 Float Data Address Data Power Down Internal 0 0 Data Data Data Data Power Down External 0 0 Float Data Data Data POWER DOWN MODE To save even more power a Power Down mode can be invoked by software In this mode the oscillator is stopped and the instruction that invoked Power Down is the last instruction executed The on-chip RAM and Special Function Registers retain their val- ues until the Power Down mode is terminated On the 8XC5X either a hardware reset or an external interrupt can cause an exit from Power Down Reset redefines all the SFRs but does not change the on- chip RAM An external interrupt allows both the SFRs and on-chip RAM to retain their values To properly terminate Power Down the reset or ex- ternal interrupt should not be executed before VCC is restored to its normal operating level and must be held active long enough for the oscillator to restart and stabilize (normally less than 10 ms) With an external interrupt INT0 and INT1 must be enabled and configured as level-sensitive Holding the pin low restarts the oscillator but bringing the pin back high completes the exit Once the interrupt is serviced the next instruction to be executed after RETI will be the one following the instruction that put the device into Power Down DESIGN CONSIDERATION The window on the D87C5X must be covered by an opaque label Otherwise the DC and AC char- acteristics may not be met and the device may be functionally impaired When the idle mode is terminated by a hardware reset the device normally resumes program exe- cution from where it left off up to two machine cycles before the internal reset algorithm takes control On-chip hardware inhibits access to inter- nal RAM in this event but access to the port pins is not inhibited To eliminate the possibility of an unexpected write when Idle is terminated by re- set the instruction following the one that invokes Idle should not be one that writes to a port pin or to external memory ONCE MODE The ONCE (‘‘On-Circuit Emulation’’) Mode facilitates testing and debugging of systems using the 8XC5X without the 8XC5X having to be removed from the circuit The ONCE Mode is invoked by 1) Pull ALE low while the device is in reset and PSEN is high 2) Hold ALE low as RST is deactivated While the device is in ONCE Mode the Port 0 pins float and the other port pins and ALE and PSEN are weakly pulled high The oscillator circuit remains ac- tive While the 8XC5X is in this mode an emulator or test CPU can be used to drive the circuit Normal operation is restored when a normal reset is applied NOTE For more detailed information on the reduced power modes refer to current Embedded Microcontrollers and Processors Handbook Volume I (Order No 270645) and Application Note AP-252 (Embedded Applications Handbook Order No 270648) ‘‘Designing with the 80C51BH’’ 6 |
Similar Part No. - D80C58-1 |
|
Similar Description - D80C58-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |