Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D80C32-24 Datasheet(PDF) 5 Page - Intel Corporation

Part # D80C32-24
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D80C32-24 Datasheet(HTML) 5 Page - Intel Corporation

  D80C32-24 Datasheet HTML 1Page - Intel Corporation D80C32-24 Datasheet HTML 2Page - Intel Corporation D80C32-24 Datasheet HTML 3Page - Intel Corporation D80C32-24 Datasheet HTML 4Page - Intel Corporation D80C32-24 Datasheet HTML 5Page - Intel Corporation D80C32-24 Datasheet HTML 6Page - Intel Corporation D80C32-24 Datasheet HTML 7Page - Intel Corporation D80C32-24 Datasheet HTML 8Page - Intel Corporation D80C32-24 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
8XC525458
If desired ALE operation can be disabled by setting
bit 0 of SFR location 8EH With this bit set the pin is
weakly pulled high However the ALE disable fea-
ture will be suspended during a MOVX or MOVC in-
struction idle mode power down mode and ICE
mode The ALE disable feature will be terminated by
reset When the ALE disable feature is suspended or
terminated the ALE pin will no longer be pulled up
weakly Setting the ALE-disable bit has no affect if
the microcontroller is in external execution mode
Throughout the remainder of this data sheet ALE
will refer to the signal coming out of the ALEPROG
pin and the pin will be referred to as the ALEPROG
pin
PSEN
Program Store Enable is the read strobe to
external Program Memory
When the 8XC5X is executing code from external
Program Memory PSEN is activated twice each
machine cycle except that two PSEN activations
are skipped during each access to external Data
Memory
EA VPP External Access enable EA must be
strapped to VSS in order to enable the device to
fetch code from external Program Memory locations
0000H to 0FFFFH Note however that if any of the
Lock bits are programmed EA will be internally
latched on reset
EA should be strapped to VCC for internal program
executions
This pin also receives the programming supply volt-
age (VPP) during EPROM programming
XTAL1
Input to the inverting oscillator amplifier
XTAL2
Output from the inverting oscillator amplifi-
er
OSCILLATOR CHARACTERISTICS
XTAL1 and XTAL2 are the input and output respec-
tively of a inverting amplifier which can be config-
ured for use as an on-chip oscillator as shown in
Figure 3 Either a quartz crystal or ceramic resonator
may be used More detailed information concerning
the use of the on-chip oscillator is available in Appli-
cation Note AP-155 ‘‘Oscillators for Microcontrol-
lers’’ Order No 230659
272336 – 5
C1 C2 e 30 pF g10 pF for Crystals
For Ceramic Resonators contact resonator manufac-
turer
Figure 3 Oscillator Connections
To drive the device from an external clock source
XTAL1 should be driven while XTAL2 floats as
shown in Figure 4 There are no requirements on the
duty cycle of the external clock signal since the in-
put to the internal clocking circuitry is through a di-
vide-by-two flip-flop but minimum and maximum
high and low times specified on the data sheet must
be observed
An external oscillator may encounter as much as a
100 pF load at XTAL1 when it starts up This is due
to interaction between the amplifier and its feedback
capacitance Once the external signal meets the VIL
and VIH specifications the capacitance will not ex-
ceed 20 pF
272336 – 6
Figure 4 External Clock Drive Configuration
IDLE MODE
The user’s software can invoke the Idle Mode When
the microcontroller is in this mode power consump-
tion is reduced The Special Function Registers and
the onboard RAM retain their values during Idle but
the processor stops executing instructions
Idle
Mode will be exited if the chip is reset or if an en-
abled interrupt occurs
5


Similar Part No. - D80C32-24

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D80C51 INTEL-D80C51 Datasheet
284Kb / 21P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Rochester Electronics
D80C51FA ROCHESTER-D80C51FA Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
D80C51FA1 ROCHESTER-D80C51FA1 Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
More results

Similar Description - D80C32-24

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com