Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S560-6600-HB Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S560-6600-HB
Description  ADSL Magnetics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S560-6600-HB Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S560-6600-HB Datasheet HTML 1Page - Bel Fuse Inc. S560-6600-HB Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2002 Bel Fuse Inc. Specifications subject to change without notice. 08.02
TM02306
ADSL Magnetics
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATIC
Operating and storage temperature range: -40° to +85° C
Meets IEC 695, 2-2 flammability requirements
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
Reliability testing: shock, vibration, temperature cycling,
temperature - humidity - bias
S560-6600-HB
page 1
All measurements are made with pins 2 and 3 connected and pins 5 and 7 connected
1. Inductance measured at 10 kHz, 0.1 Vac
2. Measured at 100 kHz, 0.1 Vac
3. Measured with line impedance of 100
Ω and chip impedance of 110.8 Ω
Designed to comply with the requirements of UL1950
and EN60950 to provide an insulation barrier with a
working voltage of 150V
Minimum interwinding breakdown voltage of 1875 Vrms
Line
1
4
2
5
8
7
IC
6
3
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
e
c
n
a
t
c
u
d
n
I
1
%
7
.
6
±
H
µ
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
2
µx
a
m
H
R
C
D
x
a
m
l
a
n
i
d
u
t
i
g
n
o
L
e
c
n
a
l
a
B
3
x
a
m
B
d
c
i
n
o
m
r
a
H
n
o
i
t
r
o
t
s
i
D
3
x
a
m
B
d
t
c
e
r
i
D
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
e
n
i
L
:
p
i
h
C
e
d
i
S
e
n
i
L
e
d
i
S
e
n
i
L
p
i
h
C
e
d
i
S
e
n
i
L
e
d
i
S
-
z
H
k
0
2
z
H
k
0
0
5
p
p
V
2
1
z
H
k
0
5
1
e
n
i
L
:
p
i
h
C
B
H
-
0
0
6
6
-
0
6
5
S5
9
.
0
:
10
5
75
4
.
16
.
15
45
8
-0
0
1


Similar Part No. - S560-6600-HB

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6600-H3 BEL-S560-6600-H3 Datasheet
172Kb / 2P
   HDSL2 & G.SHDSL Magnetics
S560-6600-HA BEL-S560-6600-HA Datasheet
157Kb / 2P
   ELECTRICAL SPECIFICATIONS
S560-6600-HG BEL-S560-6600-HG Datasheet
36Kb / 2P
   G.SHDSL Magnetics
S560-6600-HH BEL-S560-6600-HH Datasheet
75Kb / 2P
   ADSL MAGNETICS
More results

Similar Description - S560-6600-HB

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0560-6100-A2 BEL-0560-6100-A2 Datasheet
46Kb / 2P
   ADSL Magnetics
S560-6600-ET BEL-S560-6600-ET Datasheet
72Kb / 2P
   ADSL MAGNETICS
S560-6600-JY BEL-S560-6600-JY Datasheet
80Kb / 2P
   ADSL MAGNETICS
S560-6600-KD BEL-S560-6600-KD Datasheet
77Kb / 2P
   ADSL MAGNETICS
S560-6600-EK BEL-S560-6600-EK Datasheet
80Kb / 2P
   ADSL Magnetics
S560-6600-EP BEL-S560-6600-EP Datasheet
82Kb / 2P
   ADSL Magnetics
0560-6600-88 BEL-0560-6600-88 Datasheet
121Kb / 4P
   ADSL Magnetics
S560-6600-KR BEL-S560-6600-KR Datasheet
77Kb / 2P
   ADSL MAGNETICS
S560-6600-EY BEL-S560-6600-EY Datasheet
79Kb / 2P
   ADSL MAGNETICS
S560-6600-HH BEL-S560-6600-HH Datasheet
75Kb / 2P
   ADSL MAGNETICS
S560-6600-JZ BEL-S560-6600-JZ Datasheet
80Kb / 2P
   ADSL MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com