Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPT7010MG Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPT7010MG
Description  4/16 Mbps Token Ring 24 Pin Module for Transmit and Receive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPT7010MG Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPT7010MG Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4/16 Mbps Token Ring 24 Pin Module for Transmit and Receive
Package
Schematic
Features
Supports both STP and UTP Transmission
Overvoltage Protection Circuit
Complies with IEEE 802.5 Specifications
QAF-CSO7 8/10/94
DST7010
Rev. A 1/16/95
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
Gnd 1 3
Tx+ 12
Tx- 10
Gnd 2 9
Ph- 14
Rx+ 2
Ph+ 13
Vcc 2 11
Rx- 4
PhRet B 6
Vcc 1 1
PhRet A 5
Transmit
Filter
Impedance
Matching
Network
Common
Mode
Filter
Common
Mode
Filter
17 Tu+
15 Ts+
16 Ts-
18 Tu-
21 Ru+
23 Rs+
22 Rs-
20 Ru-
19 Ch Gnd
Electrical Specifications @ 25°C
Characteristic Impedance
Insertion Loss
Receive
-15 dB Min.
1-17 MHz
Return Loss
Transmit
-10 dB Min.
17-25 MHz
EPT7010M & EPT7010MG
-30 dB Min.
36 MHz
Insertion Loss
Transmit
-.5 dB Max.
8 MHz
-7 dB Max.
32 MHz
-.8 dB Max.
16 MHz
-20 dB Min.
1-17 MHz
-15 dB Min.
17-25 MHz
-0.5 dB Max.
8 MHz
-0.5 dB Max.
24 MHz
-0.5 dB Max.
16 MHz
Return Loss
Receive
150
PCA Part Number(s)
Common to Common
Rejection Transmit
-80 dB Typ.
8 MHz
-60 dB Typ.
32 MHz
-75 dB Typ.
10 MHz
-70 dB Min.
20 MHz
-42 dB Min.
200 MHz
-45 dB Min.
100 MHz
Crosstalk
Leads : .018 Typ. x .008/.012
.635 Typ.
White Dot
Pin 1
.320
Max.
1.30 Max.
.100 Typ.
.125 Min.
.020
Typ.
.585
Max.
PCA
Date Code
EPT7010M
.010
.050
.800 Max.
.320
Max.
.600
SMD PAD LAYOUT
.080
.080
.040


Similar Part No. - EPT7010MG

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7000 PCA-EPT7000 Datasheet
20Kb / 1P
   Adapter For Token Ring
EPT7001 PCA-EPT7001 Datasheet
20Kb / 1P
   4/16 Mbps Token Ring 16 Pin Modules for Transmit and Receive
EPT7001G PCA-EPT7001G Datasheet
20Kb / 1P
   4/16 Mbps Token Ring 16 Pin Modules for Transmit and Receive
EPT7002 PCA-EPT7002 Datasheet
18Kb / 1P
   4/16 Mbps Token Ring 24 Pin Module for Transmit and Receive
EPT7003 PCA-EPT7003 Datasheet
31Kb / 1P
   Common Mode Choke
More results

Similar Description - EPT7010MG

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7002 PCA-EPT7002 Datasheet
18Kb / 1P
   4/16 Mbps Token Ring 24 Pin Module for Transmit and Receive
EPT7040 PCA-EPT7040 Datasheet
23Kb / 1P
   4/16 Mbps Token Ring Transmit and Receive Module
EPT7001G PCA-EPT7001G Datasheet
20Kb / 1P
   4/16 Mbps Token Ring 16 Pin Modules for Transmit and Receive
EPA2864 PCA-EPA2864 Datasheet
34Kb / 2P
   25 Mbps ATM Transmit and Receive, UTP Interface
EPT7062 PCA-EPT7062 Datasheet
31Kb / 1P
   Token Ring 20 Pin Transceiver Module
EPT7020 PCA-EPT7020 Datasheet
18Kb / 1P
   Euro-Optimized Token Ring 16 Pin SMD Line Transceiver Module
logo
Qorvo, Inc
RFFM6909 QORVO-RFFM6909 Datasheet
227Kb / 5P
   925MHz Transmit/Receive Module
logo
RF Micro Devices
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
   915MHz Transmit/Receive Module
RFFM6909 RFMD-RFFM6909 Datasheet
227Kb / 5P
   925MHz Transmit/Receive Module
logo
PCA ELECTRONICS INC.
EPT7055AM PCA-EPT7055AM Datasheet
38Kb / 2P
   Token Ring Transceiver Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com