Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S560-6600-P6 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S560-6600-P6
Description  ADSL Magnetics GlobeSpan
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S560-6600-P6 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S560-6600-P6 Datasheet HTML 1Page - Bel Fuse Inc. S560-6600-P6 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ADSL Magnetics
©2001 Bel Fuse Inc. Specifications subject to change without notice. 06.01
TM01344
page 1
GlobeSpan
SCHEMATIC
ELECTRICAL SPECIFICATIONS at 25° C
S560-6600-P6
Designed to comply with the requirements of UL1950
and EN60950 to provide a supplementary insulation
barrier with a working voltage of 250V
UL File Number E150991
Minimum interwinding breakdown voltage of 1500 Vrms
Longer terminal foot provides additional surface tension,
assisting with component placement
Operating and storage temperature range: -40° to +85°C
Meets IEC 695, 2-2 flammability requirements
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
Reliability testing: shock, vibration, temperature cycling,
temperature - humidity - bias
All measurements are made with pins 2 and 3 connected and pins 6 and 7 connected
1. Inductance measured at 10 kHz, 0.1 Vac
2. Leakage inductance measured at 100 kHz, 0.1 Vac
3. Interwinding capacitance measured at 1 kHz, 1 Vac
4. Measurements made with 100
Ω source and 51Ω load impedance
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
e
c
n
a
t
c
u
d
n
I
1
%
5
±
H
µ
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
2
µx
a
m
H
R
C
D
x
a
m
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
3
x
a
m
F
p
l
a
n
i
d
u
t
i
g
n
o
L
e
c
n
a
l
a
B
4
n
i
m
B
d
n
o
i
t
r
e
s
n
I
s
s
o
L
4
x
a
m
B
d
y
c
n
e
u
q
e
r
F
e
s
n
o
p
s
e
R
4
x
a
m
B
d
c
i
n
o
m
r
a
H
n
o
i
t
r
o
t
s
i
D
4
x
a
m
B
d
e
n
i
L
:
p
i
h
C
e
d
i
S
e
n
i
L
e
d
i
S
e
n
i
L
p
i
h
C
e
d
i
S
e
n
i
L
e
d
i
S
-
z
H
k
0
3
z
H
M
1
.
1
z
H
k
0
0
3
-
z
H
k
0
3
z
H
M
1
.
1
z
H
k
0
0
1
s
m
r
V
2
6
P
-
0
0
6
6
-
0
6
5
S0
4
.
1
:
15
7
45
6
.
13
.
20
55
55
.
05
.
00
8
-
1
3
2
4
8
6
7
5
Chip
Line


Similar Part No. - S560-6600-P6

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6600-P3 BEL-S560-6600-P3 Datasheet
53Kb / 2P
   ADSL Magnetics For Texas Instruments
S560-6600-P5 BEL-S560-6600-P5 Datasheet
139Kb / 2P
   ADSL Magnetics For Centillium
More results

Similar Description - S560-6600-P6

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6600-L3 BEL-S560-6600-L3 Datasheet
64Kb / 2P
   ADSL MAGNETICS GlobeSpan
S560-6611-12 BEL-S560-6611-12 Datasheet
62Kb / 2P
   ADSL Magnetics Globespan
S560-6611-11 BEL-S560-6611-11 Datasheet
63Kb / 2P
   ADSL Magnetics Globespan
0560-6600-N9 BEL-0560-6600-N9 Datasheet
94Kb / 2P
   ADSL Magnetics GlobeSpan
S560-6600-U2 BEL-S560-6600-U2 Datasheet
266Kb / 2P
   ADSL Magnetics GlobeSpan
S560-6611-01 BEL-S560-6611-01 Datasheet
56Kb / 2P
   ADSL Magnetics Globespan
S560-6611-07 BEL-S560-6611-07 Datasheet
57Kb / 2P
   ADSL Magnetics Globespan
S560-6600-D7 BEL-S560-6600-D7 Datasheet
59Kb / 2P
   ADSL MAGNETICS GlobeSpan
0560-6600-CK BEL-0560-6600-CK Datasheet
50Kb / 2P
   ADSL Magnetics Globespan
0560-6600-N2 BEL-0560-6600-N2 Datasheet
48Kb / 2P
   ADSL Magnetics Globespan
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com