Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S560-6611-11 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S560-6611-11
Description  ADSL Magnetics Globespan
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S560-6611-11 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S560-6611-11 Datasheet HTML 1Page - Bel Fuse Inc. S560-6611-11 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2001 Bel Fuse Inc. Specifications subject to change without notice. 09.01
TM01366
ADSL Magnetics
Globespan
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATIC
Operating and storage temperature range: -40° to +85° C
Meets IEC 695, 2-2 flammability requirements
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
Reliability testing: shock, vibration, temperature cycling,
temperature - humidity - bias
Designed to comply with the requirements of GR1089,
UL1950, EN60950, BABT and CSA950 to provide a
supplementary insulation barrier with a working voltage
of 250V
UL File Number E150991
Minimum interwinding breakdown voltage of 1500 Vrms
S560-6611-11
page 1
All measurements are made with pins 2 and 3 connected and pins 6 and 7 connected
1. Inductance measured at 10 kHz, 0.1 Vac
2. Measurements made with 100
Ω source and 100Ω load impedance
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
e
c
n
a
t
c
u
d
n
I
1
%
0
1
±
H
µ
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µx
a
m
H
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
R
C
D
x
a
m
c
i
n
o
m
r
a
H
n
o
i
t
r
o
t
s
i
D
2
x
a
m
B
d
e
n
i
L
:
p
i
h
C
e
d
i
S
e
n
i
L
e
d
i
S
e
n
i
L
e
d
i
S
p
i
h
C
e
d
i
S
e
n
i
L
m
B
d
0
1
-
z
H
k
5
1
1
-
1
1
6
6
-
0
6
5
S5
4
.
1
:
10
0
150
63
.
19
.
15
7
-
8
6
7
5
1
3
2
4
Chip
Line


Similar Part No. - S560-6611-11

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6611-12 BEL-S560-6611-12 Datasheet
62Kb / 2P
   ADSL Magnetics Globespan
S560-6611-19 BEL-S560-6611-19 Datasheet
56Kb / 2P
   ADSL Magnetics Fujitsu
More results

Similar Description - S560-6611-11

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6600-L3 BEL-S560-6600-L3 Datasheet
64Kb / 2P
   ADSL MAGNETICS GlobeSpan
S560-6611-12 BEL-S560-6611-12 Datasheet
62Kb / 2P
   ADSL Magnetics Globespan
0560-6600-N9 BEL-0560-6600-N9 Datasheet
94Kb / 2P
   ADSL Magnetics GlobeSpan
S560-6600-U2 BEL-S560-6600-U2 Datasheet
266Kb / 2P
   ADSL Magnetics GlobeSpan
S560-6611-01 BEL-S560-6611-01 Datasheet
56Kb / 2P
   ADSL Magnetics Globespan
S560-6611-07 BEL-S560-6611-07 Datasheet
57Kb / 2P
   ADSL Magnetics Globespan
S560-6600-D7 BEL-S560-6600-D7 Datasheet
59Kb / 2P
   ADSL MAGNETICS GlobeSpan
S560-6600-P6 BEL-S560-6600-P6 Datasheet
176Kb / 2P
   ADSL Magnetics GlobeSpan
0560-6600-CK BEL-0560-6600-CK Datasheet
50Kb / 2P
   ADSL Magnetics Globespan
0560-6600-N2 BEL-0560-6600-N2 Datasheet
48Kb / 2P
   ADSL Magnetics Globespan
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com