Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AER43-43-15CB Datasheet(PDF) 1 Page - CTS Corporation

Part # AER43-43-15CB
Description  AER Forged Heat Sinks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

AER43-43-15CB Datasheet(HTML) 1 Page - CTS Corporation

  AER43-43-15CB Datasheet HTML 1Page - CTS Corporation AER43-43-15CB Datasheet HTML 2Page - CTS Corporation AER43-43-15CB Datasheet HTML 3Page - CTS Corporation AER43-43-15CB Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
November 2004
IERC a CTS Company
413 North Moss Street
Burbank, CA 91502
818-842-7277
www.ctscorp.com
Series AER Forged Aluminum Heat Sinks with Elliptical Fins
Part Number
Fin Matrix
(Rows x Columns)
Length x Width x Height
(mm)
Thermal Resistance
(°C/Watt @ 200 LFPM)
Pressure Drop
(inches of water)
AER19-19-12CB
2 x 6
18.6 x 18.6 x 11.6
7.2
0.017
AER19-19-15CB
2 x 6
18.6 x 18.6 x 14.6
6.6
0.017
AER19-19-18CB
2 x 6
18.6 x 18.6 x 17.6
5.4
0.017
AER19-19-21CB
2 x 6
18.6 x 18.6 x 20.6
4.7
0.017
AER19-19-23CB
2 x 6
18.6 x 18.6 x 22.6
4.3
0.017
AER19-19-28CB
2 x 6
18.6 x 18.6 x 27.6
3.8
0.017
AER19-19-33CB
2 x 6
18.6 x 18.6 x 32.6
3.3
0.017
AER21-21-12CB
2 x 7
20.6 x 20.6 x 11.6
7.2
0.017
AER21-21-15CB
2 x 7
20.6 x 20.6 x 14.6
6.6
0.017
AER21-21-18CB
2 x 7
20.6 x 20.6 x 17.6
5.4
0.017
AER21-21-21CB
2 x 7
20.6 x 20.6 x 20.6
4.7
0.017
AER21-21-23CB
2 x 7
20.6 x 20.6 x 22.6
4.3
0.017
AER21-21-28CB
2 x 7
20.6 x 20.6 x 27.6
3.8
0.017
AER21-21-33CB
2 x 7
20.6 x 20.6 x 32.6
3.3
0.017
AER23-23-12CB
2 x 8
22.6 x 22.6 x 11.6
6.2
0.018
AER23-23-15CB
2 x 8
22.6 x 22.6 x 14.6
5.4
0.018
AER23-23-18CB
2 x 8
22.6 x 22.6 x 17.6
4.4
0.018
AER23-23-21CB
2 x 8
22.6 x 22.6 x 20.6
3.8
0.018
AER23-23-23CB
2 x 8
22.6 x 22.6 x 22.6
3.5
0.018
AER23-23-28CB
2 x 8
22.6 x 22.6 x 27.6
3.1
0.018
AER23-23-33CB
2 x 8
22.6 x 22.6 x 32.6
2.7
0.018
Material: 6063 Aluminum Alloy, Black Anodized
Features
• Precision forging technology for high
power applications
• Omni-directional pins
• Designed for BGA and other surface
mount packages
• Various mounting methods available
• Select from multiple fin heights
Product Benefits
• No special tools needed for assembly
• No additional holes required on the PCB
• Special clip easily snaps on and self-aligns
Series AER Forged Heat Sinks
Technical Data


Similar Part No. - AER43-43-15CB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
AER43-43-15CB CTS-AER43-43-15CB Datasheet
205Kb / 2P
   Precision forging technology for high power applications
More results

Similar Description - AER43-43-15CB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
   Forged Heat Sinks
CPR19-19-12U CTS-CPR19-19-12U Datasheet
155Kb / 3P
   Forged Copper Heat Sinks
APF19-19-06CB CTS-APF19-19-06CB Datasheet
36Kb / 2P
   Series APF Low Height Thin-Fin Forged Heat Sinks
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
   Heat Sinks
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
   Powerline Heat-Sinks
logo
List of Unclassifed Man...
PF185G ETC2-PF185G Datasheet
51Kb / 1P
   UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
   Standard Heat Sinks
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
   High Performance Heat Sinks
REV3_052912
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
   HEAT SINKS AND STANDOFFS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com