Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP3 Datasheet(PDF) 2 Page - CTS Corporation

Part # HP3
Description  METAL CASE, CASE-MOUNTED SEMICONDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

HP3 Datasheet(HTML) 2 Page - CTS Corporation

  HP3 Datasheet HTML 1Page - CTS Corporation HP3 Datasheet HTML 2Page - CTS Corporation HP3 Datasheet HTML 3Page - CTS Corporation HP3 Datasheet HTML 4Page - CTS Corporation HP3 Datasheet HTML 5Page - CTS Corporation HP3 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HP3-T03-44U
HP3-436-U
HP3-T015-U
HP3-T06-U
HP3-420-U
HP3-T03-44CB
HP3-436-CB
HP3-T015-CB
HP3-T06-CB
HP3-420-CB
HP3-T03-44B
HP3-436-B
HP3-T015-B
HP3-T06-B
HP3-420-B
T0-3 PANEL MOUNT
T0-3 (4 PIN)
T0-15, D0-5
T0-6, T0-36
UNIVERSAL
31
18
23
19
27
55.0
55.0
55.0
55.0
55.0
HP3 for Dual TO-3 Outline
DESCRIPTION OF CURVES
A.
B.
C.
D.
E.
N.C. Horiz. Device Only
Mounted to G-10.
N.C Horiz. & Vert. With
Dissipator.
200 FPM w/Diss.
500 FPM w/Diss.
1000 FPM w/Diss.
Thermal Resistance Case to Sink is 0.1-0.3
°C/W w/Joint Compound.
Derate 2.0
°C/watt for unplated part in natural convection only.
Ordering Information
CTS IERC PART NO.
Unplated
Comm'l. Black
Anodize
Mil. Black Anodize
Semiconductor
Accommodated
Hole patt. ref.
no.
Max. Weight
(Grams)
HP3-T03-4U
HP3-437-U
HP3-T03-4CB
HP3-437-CB
HP3-T03-4B
HP3-437-B
Two TO-3s
Two TO-3s (4 pin)
6
12
55.0
55.0


Similar Part No. - HP3

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
HP3 AICTECH-HP3 Datasheet
82Kb / 4P
   Useful of 4,000 hours at 85ºC
logo
Coilcraft lnc.
HP3-0047L COILCRAFT-HP3-0047L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP3-0047L COILCRAFT-HP3-0047L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP3-0055L COILCRAFT-HP3-0055L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP3-0055L COILCRAFT-HP3-0055L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
More results

Similar Description - HP3

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
LA-B4 CTS-LA-B4 Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B1 CTS-LB66B1 Datasheet
196Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A2 CTS-LA-A2 Datasheet
151Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA363B5 CTS-LA363B5 Datasheet
155Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP1 CTS-HP1 Datasheet
541Kb / 7P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B3 CTS-LA-B3 Datasheet
221Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B2 CTS-LB66B2 Datasheet
171Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
List of Unclassifed Man...
LBE66B1CB ETC2-LBE66B1CB Datasheet
366Kb / 1P
   HEAT DISSIPATORS FOR PLASTIC CASE, CASE-MOUNTED SEMICONDUCTORS
logo
Vishay Siliconix
VS-ST300C VISHAY-VS-ST300C Datasheet
252Kb / 8P
   Metal case with ceramic insulator
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com