Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPR33-33-12U Datasheet(PDF) 3 Page - CTS Corporation

Part # CPR33-33-12U
Description  Forged Copper Heat Sinks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CPR33-33-12U Datasheet(HTML) 3 Page - CTS Corporation

  CPR33-33-12U Datasheet HTML 1Page - CTS Corporation CPR33-33-12U Datasheet HTML 2Page - CTS Corporation CPR33-33-12U Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
November 2004
IERC a CTS Company
413 North Moss Street
Burbank, CA 91502
818-842-7277
www.ctscorp.com
TAPE STYLES
HOW TO ORDER?
CPR 19-19-12 U /S
Part Number Series
Dimensions in mm (LxWxH)
Unplated
Mounting Options
Thermal
Tape
Supplier
Thickness
(mm)
Thermal
Impedance
(°C-in²/W)
Dielectric
Strength
(V/mil)
Description
A01
IERC
0.13
0.82
4,000
Double-sided acrylic adhesive on a Kapton MT carrier.
T410
Chomerics
0.18
1.10
N/A
Double-sided acrylic adhesive loaded w/aluminum oxide
on an aluminum foil carrier.
T411
Chomerics
0.28
1.00
N/A
Double-sided silicone adhesive with expanded
aluminum mesh carrier.
T412
Chomerics
0.23
0.25
N/A
Double-sided acrylic adhesive loaded w/ titanium
diboride on an expanded aluminum carrier.
8815
3M
0.38
1.20
668
Double-sided acrylic adhesive loaded with ceramic
particles.
Clip
Adhesive
Short “/S”
Double-sided Kapton® “/A01”
Medium “/M”
Chomerics Thermattach® “T410, T411, or T412”
Tall “/T”
3M“8815”


Similar Part No. - CPR33-33-12U

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CPR3304 CANOPUS-CPR3304 Datasheet
741Kb / 1P
   Piezo Receiver
CPR3304A107AW CANOPUS-CPR3304A107AW Datasheet
741Kb / 1P
   Piezo Receiver
More results

Similar Description - CPR33-33-12U

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
   Forged Heat Sinks
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
   AER Forged Heat Sinks
APF19-19-06CB CTS-APF19-19-06CB Datasheet
36Kb / 2P
   Series APF Low Height Thin-Fin Forged Heat Sinks
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
   Heat Sinks
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
   Powerline Heat-Sinks
logo
List of Unclassifed Man...
PF185G ETC2-PF185G Datasheet
51Kb / 1P
   UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
   Standard Heat Sinks
TIC-4000 ETC2-TIC-4000 Datasheet
385Kb / 2P
   High Performance Thermal Interface Compound for Copper-Based Heat Sinks
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
   High Performance Heat Sinks
REV3_052912
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com